Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TC74VHC86FN Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TC74VHC86FN
Description  Quad Exclusive OR Gate
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74VHC86FN Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TC74VHC86FN Datasheet HTML 1Page - Toshiba Semiconductor TC74VHC86FN Datasheet HTML 2Page - Toshiba Semiconductor TC74VHC86FN Datasheet HTML 3Page - Toshiba Semiconductor TC74VHC86FN Datasheet HTML 4Page - Toshiba Semiconductor TC74VHC86FN Datasheet HTML 5Page - Toshiba Semiconductor TC74VHC86FN Datasheet HTML 6Page - Toshiba Semiconductor TC74VHC86FN Datasheet HTML 7Page - Toshiba Semiconductor TC74VHC86FN Datasheet HTML 8Page - Toshiba Semiconductor TC74VHC86FN Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
TC74VHC86F/FN/FT/FK
2008-06-01
4
AC Characteristics (input: tr = tf = 3 ns)
Test Condition
Ta
= 25°C
Ta
= −40 to 85°C
Characteristics
Symbol
VCC (V)
CL (pF)
Min
Typ.
Max
Min
Max
Unit
15
⎯
7.0
11.0
1.0
13.0
3.3
± 0.3
50
⎯
9.5
14.5
1.0
16.5
15
⎯
4.8
6.8
1.0
8.0
Propagation delay
time
tpLH
tpHL
⎯
5.0
± 0.5
50
⎯
6.3
8.8
1.0
10.0
ns
Input capacitance
CIN
⎯
⎯
4
10
⎯
10
pF
Power dissipation
capacitance
CPD
(Note)
⎯
18
⎯
⎯
⎯
pF
Note: CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating
current consumption without load.
Average operating current can be obtained by the equation:
ICC (opr) = CPD·VCC·fIN + ICC/4 (per gate)
Noise Characteristics (input: tr = tf = 3 ns)
Ta
= 25°C
Characteristics
Symbol
Test Condition
VCC (V)
Typ.
Limit
Unit
Quiet output maximum dynamic VOL
VOLP
CL = 50 pF
5.0
0.3
0.8
V
Quiet output minimum dynamic VOL
VOLV
CL = 50 pF
5.0
−0.3
−0.8
V
Minimum high level dynamic input voltage
VIHD
CL = 50 pF
5.0
⎯
3.5
V
Maximum low level dynamic input voltage
VILD
CL = 50 pF
5.0
⎯
1.5
V
Input Equivalent Circuit
INPUT



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com