Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TCR5SC25FE Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TCR5SC25FE
Description  150 mA CMOS Low-Dropout Regulator (Point regulator)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TCR5SC25FE Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TCR5SC25FE Datasheet HTML 1Page - Toshiba Semiconductor TCR5SC25FE Datasheet HTML 2Page - Toshiba Semiconductor TCR5SC25FE Datasheet HTML 3Page - Toshiba Semiconductor TCR5SC25FE Datasheet HTML 4Page - Toshiba Semiconductor TCR5SC25FE Datasheet HTML 5Page - Toshiba Semiconductor TCR5SC25FE Datasheet HTML 6Page - Toshiba Semiconductor TCR5SC25FE Datasheet HTML 7Page - Toshiba Semiconductor TCR5SC25FE Datasheet HTML 8Page - Toshiba Semiconductor TCR5SC25FE Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
TCR5SC15FE~TCR5SC36FE
2008-11-11
5
Application Note
1.
Recommended Application Circuit
The figure above shows the recommended configuration for using a Low-Dropout regulator. Insert a capacitor at
VOUT and VIN pins for stable input/output operation. (Ceramic capacitors can be used)
If the control function is not used, Toshiba recommend that the control pin is connected to the VIN pin.
2.
Power Dissipation
Power dissipation is measured on the board shown below.
Testing Board of Thermal Resistance
Control Level
Operation
HIGH
ON
LOW
OFF
VOUT
5
4
1
3
GND
2
VIN
CONTROL
NC
Board material: Glass Epoxy, Board dimension 30 mm
× 30 mm
Copper area: 20 mm
2
, t
= 0.8 mm
NC
CONTROL
GND
VIN
CIN
COUT
VOUT
Ambient temperature
Ta (°C)
PD – Ta
−40
0
0
40
120
80
100
200
300
400
②
①
① Board dimension 30 mm
× 30 mm,
t
= 0.8 mm Copper area 20 mm2,
mounted on Glass Epoxy Board
② Unit Rating



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com