Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP14700T-E/MF Datasheet(PDF) 2 Page - Microchip Technology

Part # MCP14700T-E/MF
Description  Dual Input Synchronous MOSFET Driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP14700T-E/MF Datasheet(HTML) 2 Page - Microchip Technology

  MCP14700T-E/MF Datasheet HTML 1Page - Microchip Technology MCP14700T-E/MF Datasheet HTML 2Page - Microchip Technology MCP14700T-E/MF Datasheet HTML 3Page - Microchip Technology MCP14700T-E/MF Datasheet HTML 4Page - Microchip Technology MCP14700T-E/MF Datasheet HTML 5Page - Microchip Technology MCP14700T-E/MF Datasheet HTML 6Page - Microchip Technology MCP14700T-E/MF Datasheet HTML 7Page - Microchip Technology MCP14700T-E/MF Datasheet HTML 8Page - Microchip Technology MCP14700T-E/MF Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
MCP14700
DS22201A-page 2
© 2009 Microchip Technology Inc.
Typical Application Schematic
HIGHDR
LOWDR
PHASE
VCC
PWMLO
BOOT
GND
PWMHI
VBUCK =30V
VCC =5.0V
CBOOT
dsPIC33FJ06GS101
CURRENT
SENSE
CURRENT
SENSE
PWM1L
PWM1H
AN0
AN1
MCP14700
Synchronous Buck Application
HIGHDR
LOWDR
PHASE
VCC
PWMLO
BOOT
GND
PWMHI
HIGHDR
LOWDR
PHASE
VCC
PWMLO
BOOT
GND
PWMHI
HIGHDR
LOWDR
PHASE
VCC
PWMLO
BOOT
GND
PWMH
PWM2
PWM1
VCC
PWM4
PWM3
VCC
PWM6
PWM5
VCC
24V
24V
24V
SENSE
NODE
VREF
PWM1
PWM2
PWM3
PWM4
PWM5
PWM6
dsPIC
MCP14700
MCP14700
SENSE
NODE
MCP14700
3-Phase BLDC Motor Control Application
SENSE
NODE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com