Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP631T-E/UN Datasheet(PDF) 27 Page - Microchip Technology

Part # MCP631T-E/UN
Description  24 MHz, 2.5 mA Op Amps
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP631T-E/UN Datasheet(HTML) 27 Page - Microchip Technology

Back Button MCP631T-E/UN Datasheet HTML 23Page - Microchip Technology MCP631T-E/UN Datasheet HTML 24Page - Microchip Technology MCP631T-E/UN Datasheet HTML 25Page - Microchip Technology MCP631T-E/UN Datasheet HTML 26Page - Microchip Technology MCP631T-E/UN Datasheet HTML 27Page - Microchip Technology MCP631T-E/UN Datasheet HTML 28Page - Microchip Technology MCP631T-E/UN Datasheet HTML 29Page - Microchip Technology MCP631T-E/UN Datasheet HTML 30Page - Microchip Technology MCP631T-E/UN Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 42 page
background image
© 2009 Microchip Technology Inc.
DS22197A-page 27
MCP631/2/3/5
5.0
DESIGN AIDS
Microchip provides the basic design aids needed for
the MCP631/2/3/5 family of op amps.
5.1
SPICE Macro Model
The latest SPICE macro model for the MCP631/2/3/5
op amps is available on the Microchip web site at
www.microchip.com. This model is intended to be an
initial design tool that works well in the op amp’s linear
region of operation over the temperature range.
See the model file for information on its capabilities.
Bench testing is a very important part of any design and
cannot be replaced with simulations. Also, simulation
results using this macro model need to be validated by
comparing them to the data sheet specifications and
characteristic curves.
5.2
FilterLab® Software
Microchip’s FilterLab® software is an innovative
software tool that simplifies analog active filter
(using op amps) design. Available at no cost from the
Microchip web site at www.microchip.com/filterlab, the
Filter-Lab design tool provides full schematic diagrams
of the filter circuit with component values. It also
outputs the filter circuit in SPICE format, which can be
used with the macro model to simulate actual filter
performance.
5.3
Mindi™ Circuit Designer &
Simulator
Microchip’s Mindi™ Circuit Designer & Simulator aids
in the design of various circuits useful for active filter,
amplifier and power management applications. It is a
free online circuit designer & simulator available from
the Microchip web site at www.microchip.com/mindi.
This interactive circuit designer & simulator enables
designers to quickly generate circuit diagrams,
and simulate circuits. Circuits developed using the
Mindi Circuit Designer & Simulator can be downloaded
to a personal computer or workstation.
5.4
Microchip Advanced Part Selector
(MAPS)
MAPS is a software tool that helps efficiently identify
Microchip devices that fit a particular design
requirement. Available at no cost from the Microchip
website at www.microchip.com/maps, the MAPS is an
overall selection tool for Microchip’s product portfolio
that includes Analog, Memory, MCUs and DSCs. Using
this tool, a customer can define a filter to sort features
for a parametric search of devices and export
side-by-side technical comparison reports. Helpful links
are also provided for Data sheets, Purchase and
Sampling of Microchip parts.
5.5
Analog Demonstration and
Evaluation Boards
Microchip offers a broad spectrum of Analog
Demonstration and Evaluation Boards that are
designed to help customers achieve faster time
to market. For a complete listing of these boards
and their corresponding user’s guides and technical
information,
visit
the
Microchip
web
site
at
www.microchip.com/analog tools.
Some boards that are especially useful are:
• MCP6XXX Amplifier Evaluation Board 1
• MCP6XXX Amplifier Evaluation Board 2
• MCP6XXX Amplifier Evaluation Board 3
• MCP6XXX Amplifier Evaluation Board 4
• Active Filter Demo Board Kit
• 8-Pin SOIC/MSOP/TSSOP/DIP Evaluation Board,
P/N SOIC8EV
5.6
Application Notes
The following Microchip Application Notes are
available on the Microchip web site at www.microchip.
com/appnotes and are recommended as supplemental
reference resources.
• ADN003: “Select the Right Operational Amplifier
for your Filtering Circuits”
, DS21821
• AN722: “Operational Amplifier Topologies and DC
Specifications”
, DS00722
• AN723: “Operational Amplifier AC Specifications
and Applications”
, DS00723
• AN884: “Driving Capacitive Loads With Op
Amps”
, DS00884
• AN990: “Analog Sensor Conditioning Circuits –
An Overview”
, DS00990
• AN1228: “Op Amp Precision Design: Random
Noise”
, DS01228
Some of these application notes, and others, are listed
in the design guide:
• “Signal Chain Design Guide”, DS21825



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com