Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP9804T-E/MC Datasheet(PDF) 44 Page - Microchip Technology

Part # MCP9804T-E/MC
Description  짹0.25째C Typ. Accuracy Digital Temperature Sensor
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP9804T-E/MC Datasheet(HTML) 44 Page - Microchip Technology

Back Button MCP9804T-E/MC Datasheet HTML 40Page - Microchip Technology MCP9804T-E/MC Datasheet HTML 41Page - Microchip Technology MCP9804T-E/MC Datasheet HTML 42Page - Microchip Technology MCP9804T-E/MC Datasheet HTML 43Page - Microchip Technology MCP9804T-E/MC Datasheet HTML 44Page - Microchip Technology MCP9804T-E/MC Datasheet HTML 45Page - Microchip Technology MCP9804T-E/MC Datasheet HTML 46Page - Microchip Technology MCP9804T-E/MC Datasheet HTML 47Page - Microchip Technology MCP9804T-E/MC Datasheet HTML 48Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 54 page
background image
MCP9804
DS22203A-page 44
© 2009 Microchip Technology Inc.
/********************************************************************
FileName:
I2C.c
Dependencies: I2C.h
Processor:PIC18 Microcontrollers
Complier:
Microchip C18 (for PIC18) or C30 (for PIC24)
Company:Microchip Technology, Inc.
Software License Agreement:
The software supplied herewith by Microchip Technology Incorporated
(the “Company”) for its PIC® Microcontroller is intended and
supplied to you, the Company’s customer, for use solely and
exclusively on Microchip PIC Microcontroller products. The
software is owned by the Company and/or its supplier, and is
protected under applicable copyright laws. All rights are reserved.
Any use in violation of the foregoing restrictions may subject the
user to criminal sanctions under applicable laws, as well as to
civil liability for the breach of the terms and conditions of this
license.
THIS SOFTWARE IS PROVIDED IN AN “AS IS” CONDITION. NO WARRANTIES,
WHETHER EXPRESS, IMPLIED OR STATUTORY, INCLUDING, BUT NOT LIMITED
TO, IMPLIED WARRANTIES OF MERCHANTABILITY AND FITNESS FOR A
PARTICULAR PURPOSE APPLY TO THIS SOFTWARE. THE COMPANY SHALL NOT,
IN ANY CIRCUMSTANCES, BE LIABLE FOR SPECIAL, INCIDENTAL OR
CONSEQUENTIAL DAMAGES, FOR ANY REASON WHATSOEVER.
**************************************************************/
#include"p18f2550.h" // This code is developed for PIC18F2550
//It can be modified to be used with any PICmicro with MSSP module
#include "I2C.h"
/********************************************************************
*
Function Name:
OpenI2C1
*
*
Return Value:
void
*
*
Parameters:
SSP1 peripheral setup bytes
*
*
Description:
This function sets up the SSP1 module on a
*
*
PIC18CXXX device for use with a Microchip I2C
*
*
EEPROM device or I2C bus device.
*
********************************************************************/
void OpenI2C(unsigned char sync_mode, unsigned char slew)
{
SSPSTAT &= 0x3F;
// power on state
SSPCON1 = 0x00;
// power on state
SSPCON2 = 0x00;
// power on state
SSPCON1 |= sync_mode;
// select serial mode
SSPSTAT |= slew;
// slew rate on/off
SSPCON1bits.SSPEN = 1;
// enable synchronous serial port
}
/********************************************************************
*
Function Name:
I2CStart
*
Return Value:
void
*
Parameters:
void
*
Description:
*
********************************************************************/
void I2CStart(void)
{
PIR1bits.SSPIF = 0;//Clear Interrupt
SSPCON2bits.SEN=1;
while(!PIR1bits.SSPIF);//Wait for data received Interrupt
PIR1bits.SSPIF = 0;//Clear Interrupt
}



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com