Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP632-E/SN Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP632-E/SN
Description  24 MHz, 2.5 mA Op Amps
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP632-E/SN Datasheet(HTML) 1 Page - Microchip Technology

  MCP632-E/SN Datasheet HTML 1Page - Microchip Technology MCP632-E/SN Datasheet HTML 2Page - Microchip Technology MCP632-E/SN Datasheet HTML 3Page - Microchip Technology MCP632-E/SN Datasheet HTML 4Page - Microchip Technology MCP632-E/SN Datasheet HTML 5Page - Microchip Technology MCP632-E/SN Datasheet HTML 6Page - Microchip Technology MCP632-E/SN Datasheet HTML 7Page - Microchip Technology MCP632-E/SN Datasheet HTML 8Page - Microchip Technology MCP632-E/SN Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
© 2009 Microchip Technology Inc.
DS22197A-page 1
MCP631/2/3/5
Features
• Gain Bandwidth Product: 24 MHz (typical)
• Short Circuit Current: 70 mA (typical)
• Noise: 10 nV/
√Hz (typical, at 1 MHz)
• Rail-to-Rail Output
• Slew Rate: 10 V/µs (typical)
• Supply Current: 2.5 mA (typical)
• Power Supply: 2.5V to 5.5V
• Extended Temperature Range: -40°C to +125°C
Typical Applications
• Driving A/D Converters
• Power Amplifier Control Loops
• Barcode Scanners
• Optical Detector Amplifier
Design Aids
• SPICE Macro Models
• FilterLab® Software
• Mindi™ Circuit Designer & Simulator
• Microchip Advanced Part Selector (MAPS)
• Analog Demonstration and Evaluation Boards
• Application Notes
Description
The Microchip Technology, Inc. MCP631/2/3/5 family of
operational amplifiers features high gain bandwidth
product (24 MHz, typical) and high output short circuit
current (70 mA, typical). Some also provide a Chip
Select pin (CS) that supports a low power mode of
operation. These amplifiers are optimized for high
speed, low noise and distortion, single-supply
operation with rail-to-rail output and an input that
includes the negative rail.
This family is offered in single (MCP631), single with
CS pin (MCP633), dual (MCP632) and dual with
two CS pins (MCP635). All devices are fully specified
from -40°C to +125°C.
Typical Application Circuit
Package Types
Power Driver with High Gain
R1
R2
VIN
VDD/2
VOUT
R3
RL
MCP63X
MCP631
SOIC
MCP632
SOIC
VIN+
VIN–
VSS
VDD
VOUT
1
2
3
4
8
7
6
5 NC
NC
NC
VINA+
VINA–
VSS
1
2
3
4
8
7
6
5
VOUTA
VDD
VOUTB
VINB–
VINB+
MCP635
MSOP
VINA+
VINA–
VSS
1
2
3
4
10
9
8
7
VOUTA
VDD
VOUTB
VINB–
VINB+
CSA 5
6 CSB
MCP632
3x3 DFN *
VINA+
VINA–
VSS
VOUTA
VDD
VOUTB
VINB–
VINB+
MCP635
3x3 DFN *
* Includes Exposed Thermal Pad (EP); see Table 3-1.
1
2
3
4
8
7
6
5
VINA+
VINA–
CSA
VOUTA
VDD
VOUTB
VINB–
CSB
1
2
3
5
10
9
8
6
VSS
VINB+
4
7
MCP633
SOIC
VIN+
VIN–
VSS
VDD
VOUT
1
2
3
4
8
7
6
5 NC
CS
NC
24 MHz, 2.5 mA Op Amps


Similar Part No. - MCP632-E/SN

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP632 MICROCHIP-MCP632 Datasheet
1Mb / 60P
Unity-Gain Stable
03/25/14
More results

Similar Description - MCP632-E/SN

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP651 MICROCHIP-MCP651 Datasheet
1Mb / 44P
50 MHz, 6 mA Op Amps with mCal
2009
MCP621 MICROCHIP-MCP621 Datasheet
864Kb / 44P
20 MHz, 2.5 mA Op Amps with mCal
2009
MCP661 MICROCHIP-MCP661 Datasheet
833Kb / 42P
60 MHz, 6 mA Op Amps
2009
MCP6401 MICROCHIP-MCP6401 Datasheet
497Kb / 28P
1 MHz, 45 A Op Amps
2009
MCP651 MICROCHIP-MCP651_11 Datasheet
1Mb / 56P
50 MHz, 6 mA Op Amps with mCal
2011
MCP6H01 MICROCHIP-MCP6H01_12 Datasheet
1Mb / 46P
1.2 MHz, 16V Op Amps
2010-2011
MCP6H71 MICROCHIP-MCP6H71_12 Datasheet
1Mb / 42P
2.7 MHz, 12V Op Amps
11/29/12
MCP6H81 MICROCHIP-MCP6H81_12 Datasheet
1Mb / 42P
5.5 MHz, 12V Op Amps
2012 11/29/12
MCP6H91 MICROCHIP-MCP6H91_12 Datasheet
1Mb / 42P
10 MHz, 12V Op Amps
2012 11/29/12
MCP6V86 MICROCHIP-MCP6V86 Datasheet
2Mb / 52P
5 MHz, 0.5 mA, Zero-Drift Op Amps
Revision A August 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com