Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP632T-E/UN Datasheet(PDF) 29 Page - Microchip Technology

Part # MCP632T-E/UN
Description  24 MHz, 2.5 mA Op Amps
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP632T-E/UN Datasheet(HTML) 29 Page - Microchip Technology

Back Button MCP632T-E/UN Datasheet HTML 25Page - Microchip Technology MCP632T-E/UN Datasheet HTML 26Page - Microchip Technology MCP632T-E/UN Datasheet HTML 27Page - Microchip Technology MCP632T-E/UN Datasheet HTML 28Page - Microchip Technology MCP632T-E/UN Datasheet HTML 29Page - Microchip Technology MCP632T-E/UN Datasheet HTML 30Page - Microchip Technology MCP632T-E/UN Datasheet HTML 31Page - Microchip Technology MCP632T-E/UN Datasheet HTML 32Page - Microchip Technology MCP632T-E/UN Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 42 page
background image
© 2009 Microchip Technology Inc.
DS22197A-page 29
MCP631/2/3/5
6.0
PACKAGING INFORMATION
6.1
Package Marking Information
Legend: XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e
8-Lead SOIC (150 mil) (MCP631, MCP632, MCP633)
Example
:
XXXXXXXX
XXXXYYWW
NNN
MCP631E
SN
0931
256
3
e
8-Lead DFN (3×3) (MCP632)
Example
Device
Code
MCP632
DABM
Note:
Applies to 8-Lead 3x3 DFN
10-Lead MSOP (MCP635)
Example
:
635EUN
931256
XXXXXX
YWWNNN
10-Lead DFN (3×3) (MCP635)
Example
Device
Code
MCP635
BAFB
Note:
Applies to 10-Lead 3x3 DFN
XXXX
YYWW
NNN
DABM
0931
256
XXXX
YYWW
NNN
BAFB
0931
256



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com