Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F2420-E/P Datasheet(PDF) 341 Page - Microchip Technology

Part # PIC18F2420-E/P
Description  28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  412 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2420-E/P Datasheet(HTML) 341 Page - Microchip Technology

Back Button PIC18F2420-E/P Datasheet HTML 337Page - Microchip Technology PIC18F2420-E/P Datasheet HTML 338Page - Microchip Technology PIC18F2420-E/P Datasheet HTML 339Page - Microchip Technology PIC18F2420-E/P Datasheet HTML 340Page - Microchip Technology PIC18F2420-E/P Datasheet HTML 341Page - Microchip Technology PIC18F2420-E/P Datasheet HTML 342Page - Microchip Technology PIC18F2420-E/P Datasheet HTML 343Page - Microchip Technology PIC18F2420-E/P Datasheet HTML 344Page - Microchip Technology PIC18F2420-E/P Datasheet HTML 345Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 341 / 412 page
background image
© 2008 Microchip Technology Inc.
DS39631E-page 339
PIC18F2420/2520/4420/4520
FIGURE 26-4:
HIGH/LOW-VOLTAGE DETECT CHARACTERISTICS
TABLE 26-4:
HIGH/LOW-VOLTAGE DETECT CHARACTERISTICS
Standard Operating Conditions (unless otherwise stated)
Operating temperature -40°C
≤ TA ≤ +85°C for industrial
Param
No.
Sym
Characteristic
Min
Typ
Max
Units
Conditions
D420
HLVD Voltage on VDD
Transition High-to-Low
HLVDL<3:0> = 0000
2.06
2.17
2.28
V
HLVDL<3:0> = 0001
2.12
2.23
2.34
V
HLVDL<3:0> = 0010
2.24
2.36
2.48
V
HLVDL<3:0> = 0011
2.32
2.44
2.56
V
HLVDL<3:0> = 0100
2.47
2.60
2.73
V
HLVDL<3:0> = 0101
2.65
2.79
2.93
V
HLVDL<3:0> = 0110
2.74
2.89
3.04
V
HLVDL<3:0> = 0111
2.96
3.12
3.28
V
HLVDL<3:0> = 1000
3.22
3.39
3.56
V
HLVDL<3:0> = 1001
3.37
3.55
3.73
V
HLVDL<3:0> = 1010
3.52
3.71
3.90
V
HLVDL<3:0> = 1011
3.70
3.90
4.10
V
HLVDL<3:0> = 1100
3.90
4.11
4.32
V
HLVDL<3:0> = 1101
4.11
4.33
4.55
V
HLVDL<3:0> = 1110
4.36
4.59
4.82
V
VLVD
HLVDIF(1)
VDD
(HLVDIF set by hardware)
(HLVDIF can be
cleared in software)
Note 1:
VDIRMAG = 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com