Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F2420-E/P Datasheet(PDF) 339 Page - Microchip Technology

Part # PIC18F2420-E/P
Description  28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  412 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2420-E/P Datasheet(HTML) 339 Page - Microchip Technology

Back Button PIC18F2420-E/P Datasheet HTML 335Page - Microchip Technology PIC18F2420-E/P Datasheet HTML 336Page - Microchip Technology PIC18F2420-E/P Datasheet HTML 337Page - Microchip Technology PIC18F2420-E/P Datasheet HTML 338Page - Microchip Technology PIC18F2420-E/P Datasheet HTML 339Page - Microchip Technology PIC18F2420-E/P Datasheet HTML 340Page - Microchip Technology PIC18F2420-E/P Datasheet HTML 341Page - Microchip Technology PIC18F2420-E/P Datasheet HTML 342Page - Microchip Technology PIC18F2420-E/P Datasheet HTML 343Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 339 / 412 page
background image
© 2008 Microchip Technology Inc.
DS39631E-page 337
PIC18F2420/2520/4420/4520
TABLE 26-1:
MEMORY PROGRAMMING REQUIREMENTS
DC CHARACTERISTICS
Standard Operating Conditions (unless otherwise stated)
Operating temperature -40°C
≤ TA ≤ +85°C for industrial
Param
No.
Sym
Characteristic
Min
Typ†
Max
Units
Conditions
Data EEPROM Memory
D120
ED
Byte Endurance
100K
1M
—
E/W -40
°C to +85°C
D121
VDRW VDD for Read/Write
VMIN
—
5.5
V
Using EECON to read/write
VMIN = Minimum operating
voltage
D122
TDEW Erase/Write Cycle Time
—
4
—
ms
D123
TRETD Characteristic Retention
40
—
—
Year Provided no other
specifications are violated
D124
TREF
Number of Total Erase/Write
Cycles before Refresh(1)
1M
10M
—
E/W -40°C to +85°C
D125
IDDP
Supply Current during
Programming
—10—
mA
Program Flash Memory
D130
EP
Cell Endurance
10K
100K
—
E/W -40
°C to +85°C
D131
VPR
VDD for Read
VMIN
—5.5
V
VMIN = Minimum operating
voltage
D132
VIE
VDD for Block Erase
3.0
—
5.5
V
Using ICSP™ port, +25
°C
D132A VIW
VDD for Externally Timed Erase
or Write
4.5
—
5.5
V
Using ICSP™ port, +25
°C
D132B VPEW VDD for Self-Timed Write
VMIN
—5.5
V
VMIN = Minimum operating
voltage
D133
TIE
ICSP Block Erase Cycle Time
—4—
ms
VDD
≥ 4.5V
D133A TIW
ICSP Erase or Write Cycle Time
(externally timed)
1—
—
ms
VDD
≥ 4.5V, +25°C
D133A TIW
Self-Timed Write Cycle Time
—
2
—
ms
D134
TRETD Characteristic Retention
40
100
—
Year Provided no other
specifications are violated
D135
IDDP
Supply Current during
Programming
—10—
mA
† Data in “Typ” column is at 5.0V, 25°C unless otherwise stated. These parameters are for design guidance
only and are not tested.
Note 1:
Refer to Section 7.8 “Using the Data EEPROM” for a more detailed discussion on data EEPROM
endurance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com