Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F2420-E/P Datasheet(PDF) 369 Page - Microchip Technology

Part # PIC18F2420-E/P
Description  28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  412 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2420-E/P Datasheet(HTML) 369 Page - Microchip Technology

Back Button PIC18F2420-E/P Datasheet HTML 365Page - Microchip Technology PIC18F2420-E/P Datasheet HTML 366Page - Microchip Technology PIC18F2420-E/P Datasheet HTML 367Page - Microchip Technology PIC18F2420-E/P Datasheet HTML 368Page - Microchip Technology PIC18F2420-E/P Datasheet HTML 369Page - Microchip Technology PIC18F2420-E/P Datasheet HTML 370Page - Microchip Technology PIC18F2420-E/P Datasheet HTML 371Page - Microchip Technology PIC18F2420-E/P Datasheet HTML 372Page - Microchip Technology PIC18F2420-E/P Datasheet HTML 373Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 369 / 412 page
background image
© 2008 Microchip Technology Inc.
DS39631E-page 367
PIC18F2420/2520/4420/4520
FIGURE 27-11:
TYPICAL IDD ACROSS VDD (RC_RUN MODE, +25°C)
FIGURE 27-12:
MAXIMUM IDD ACROSS VDD (RC_RUN MODE, +85°C)
0.1
1
10
2.02.5
3.03.5
4.04.5
5.0
5.5
VDD (V)
8 MHz
4 MHz
2 MHz
1 MHz
250 kHz
500 kHz
125 kHz
4.2V
0.1
1
10
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
VDD (V)
8 MHz
4.2V
4 MHz
2 MHz
1 MHz
250 kHz
500 kHz
125 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com