Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F2420-E/P Datasheet(PDF) 373 Page - Microchip Technology

Part # PIC18F2420-E/P
Description  28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  412 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2420-E/P Datasheet(HTML) 373 Page - Microchip Technology

Back Button PIC18F2420-E/P Datasheet HTML 369Page - Microchip Technology PIC18F2420-E/P Datasheet HTML 370Page - Microchip Technology PIC18F2420-E/P Datasheet HTML 371Page - Microchip Technology PIC18F2420-E/P Datasheet HTML 372Page - Microchip Technology PIC18F2420-E/P Datasheet HTML 373Page - Microchip Technology PIC18F2420-E/P Datasheet HTML 374Page - Microchip Technology PIC18F2420-E/P Datasheet HTML 375Page - Microchip Technology PIC18F2420-E/P Datasheet HTML 376Page - Microchip Technology PIC18F2420-E/P Datasheet HTML 377Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 373 / 412 page
background image
© 2008 Microchip Technology Inc.
DS39631E-page 371
PIC18F2420/2520/4420/4520
FIGURE 27-19:
TYPICAL IDD vs. FOSC, 500 kHz TO 4 MHz (PRI_RUN MODE (EC CLOCK), +25°C)
FIGURE 27-20:
MAXIMUM IDD vs. FOSC, 500 kHz TO 4 MHz (PRI_RUN MODE (EC CLOCK),
-40°C TO +125°C)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0.51.0
1.52.0
2.53.0
3.5
4.0
Fosc (MHz)
5.5V
5.0V
4.5V
4.0V
3.5V
3.0V
2.5V
2.0V
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
0.51.0
1.5
2.0
2.53.0
3.54.0
Fosc (MHz)
5.5V
5.0V
4.5V
4.0V
3.5V
3.0V
2.5V
2.0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com