Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F2420-E/P Datasheet(PDF) 377 Page - Microchip Technology

Part # PIC18F2420-E/P
Description  28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  412 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2420-E/P Datasheet(HTML) 377 Page - Microchip Technology

Back Button PIC18F2420-E/P Datasheet HTML 373Page - Microchip Technology PIC18F2420-E/P Datasheet HTML 374Page - Microchip Technology PIC18F2420-E/P Datasheet HTML 375Page - Microchip Technology PIC18F2420-E/P Datasheet HTML 376Page - Microchip Technology PIC18F2420-E/P Datasheet HTML 377Page - Microchip Technology PIC18F2420-E/P Datasheet HTML 378Page - Microchip Technology PIC18F2420-E/P Datasheet HTML 379Page - Microchip Technology PIC18F2420-E/P Datasheet HTML 380Page - Microchip Technology PIC18F2420-E/P Datasheet HTML 381Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 377 / 412 page
background image
© 2008 Microchip Technology Inc.
DS39631E-page 375
PIC18F2420/2520/4420/4520
FIGURE 27-27:
TYPICAL IDD vs. FOSC, 4 MHz TO 40 MHz (PRI_IDLE MODE, +25°C)
FIGURE 27-28:
MAXIMUM IDD vs. FOSC, 4 MHz TO 40 MHz (PRI_IDLE MODE, -40°C TO +125°C)
0
1
2
3
4
5
6
7
8
9
10
11
12
4
6
8
10
12
14
16
18
20
22
24
26
28
30
32
34
36
38
40
Fosc (MHz)
5.0V
5.5V
4.0V
4.5V
3.0V
3.5V
2.0V
2.5V
0
1
2
3
4
5
6
7
8
9
10
11
12
4
6
8
10
12
14
16
18
20
22
24
26
28
30
32
34
36
38
40
Fosc (MHz)
5.0V
5.5V
4.0V
4.5V
3.0V
3.5V
2.0V
2.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com