Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F8722-E/PTQTP Datasheet(PDF) 61 Page - Microchip Technology

Part # PIC18F8722-E/PTQTP
Description  64/80-Pin, 1-Mbit, Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  446 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F8722-E/PTQTP Datasheet(HTML) 61 Page - Microchip Technology

Back Button PIC18F8722-E/PTQTP Datasheet HTML 57Page - Microchip Technology PIC18F8722-E/PTQTP Datasheet HTML 58Page - Microchip Technology PIC18F8722-E/PTQTP Datasheet HTML 59Page - Microchip Technology PIC18F8722-E/PTQTP Datasheet HTML 60Page - Microchip Technology PIC18F8722-E/PTQTP Datasheet HTML 61Page - Microchip Technology PIC18F8722-E/PTQTP Datasheet HTML 62Page - Microchip Technology PIC18F8722-E/PTQTP Datasheet HTML 63Page - Microchip Technology PIC18F8722-E/PTQTP Datasheet HTML 64Page - Microchip Technology PIC18F8722-E/PTQTP Datasheet HTML 65Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 446 page
background image
© 2008 Microchip Technology Inc.
DS39646C-page 59
PIC18F8722 FAMILY
ADRESH
6X27
6X22
8X27
8X22
xxxx xxxx
uuuu uuuu
uuuu uuuu
ADRESL
6X27
6X22
8X27
8X22
xxxx xxxx
uuuu uuuu
uuuu uuuu
ADCON0
6X27
6X22
8X27
8X22
--00 0000
--00 0000
--uu uuuu
ADCON1
6X27
6X22
8X27
8X22
--00 0000
--00 0000
--uu uuuu
ADCON2
6X27
6X22
8X27
8X22
0-00 0000
0-00 0000
u-uu uuuu
CCPR1H
6X27
6X22
8X27
8X22
xxxx xxxx
uuuu uuuu
uuuu uuuu
CCPR1L
6X27
6X22
8X27
8X22
xxxx xxxx
uuuu uuuu
uuuu uuuu
CCP1CON
6X27
6X22
8X27
8X22
0000 0000
0000 0000
uuuu uuuu
CCPR2H
6X27
6X22
8X27
8X22
xxxx xxxx
uuuu uuuu
uuuu uuuu
CCPR2L
6X27
6X22
8X27
8X22
xxxx xxxx
uuuu uuuu
uuuu uuuu
CCP2CON
6X27
6X22
8X27
8X22
0000 0000
0000 0000
uuuu uuuu
CCPR3H
6X27
6X22
8X27
8X22
xxxx xxxx
uuuu uuuu
uuuu uuuu
CCPR3L
6X27
6X22
8X27
8X22
xxxx xxxx
uuuu uuuu
uuuu uuuu
CCP3CON
6X27
6X22
8X27
8X22
0000 0000
0000 0000
uuuu uuuu
ECCP1AS
6X27
6X22
8X27
8X22
0000 0000
0000 0000
uuuu uuuu
CVRCON
6X27
6X22
8X27
8X22
0000 0000
0000 0000
uuuu uuuu
CMCON
6X27
6X22
8X27
8X22
0000 0111
0000 0111
uuuu uuuu
TMR3H
6X27
6X22
8X27
8X22
xxxx xxxx
uuuu uuuu
uuuu uuuu
TMR3L
6X27
6X22
8X27
8X22
xxxx xxxx
uuuu uuuu
uuuu uuuu
T3CON
6X27
6X22
8X27
8X22
0000 0000
uuuu uuuu
uuuu uuuu
PSPCON
6X27
6X22
8X27
8X22
0000 ----
0000 ----
uuuu ----
SPBRG1
6X27
6X22
8X27
8X22
0000 0000
0000 0000
uuuu uuuu
RCREG1
6X27
6X22
8X27
8X22
0000 0000
0000 0000
uuuu uuuu
TXREG1
6X27
6X22
8X27
8X22
0000 0000
0000 0000
uuuu uuuu
TXSTA1
6X27
6X22
8X27
8X22
0000 0010
0000 0010
uuuu uuuu
RCSTA1
6X27
6X22
8X27
8X22
0000 000x
0000 000x
uuuu uuuu
EEADRH
6X27
6X22
8X27
8X22
---- --00
---- --00
---- --uu
EEADR
6X27
6X22
8X27
8X22
0000 0000
0000 0000
uuuu uuuu
EEDATA
6X27
6X22
8X27
8X22
0000 0000
0000 0000
uuuu uuuu
EECON2
6X27
6X22
8X27
8X22
0000 0000
0000 0000
0000 0000
EECON1
6X27
6X22
8X27
8X22
xx-0 x000
uu-0 u000
uu-u uuuu
TABLE 4-4:
INITIALIZATION CONDITIONS FOR ALL REGISTERS (CONTINUED)
Register
Applicable Devices
Power-on Reset,
Brown-out Reset
MCLR Resets,
WDT Reset,
RESET
Instruction,
Stack Resets
Wake-up via WDT
or Interrupt
Legend:
u
= unchanged, x = unknown, - = unimplemented bit, read as ‘0’, q = value depends on condition.
Shaded cells indicate conditions do not apply for the designated device.
Note
1:
One or more bits in the INTCONx or PIRx registers will be affected (to cause wake-up).
2:
When the wake-up is due to an interrupt and the GIEL or GIEH bit is set, the PC is loaded with the interrupt vector
(0008h or 0018h).
3:
When the wake-up is due to an interrupt and the GIEL or GIEH bit is set, the TOSU, TOSH and TOSL are updated with
the current value of the PC. The STKPTR is modified to point to the next location in the hardware stack.
4:
See Table 4-3 for Reset value for specific condition.
5:
Bits 6 and 7 of PORTA, LATA and TRISA are enabled, depending on the oscillator mode selected. When not enabled
as PORTA pins, they are disabled and read ‘0’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com