Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F8722-I/PTSQTP Datasheet(PDF) 12 Page - Microchip Technology

Part # PIC18F8722-I/PTSQTP
Description  64/80-Pin, 1-Mbit, Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  446 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F8722-I/PTSQTP Datasheet(HTML) 12 Page - Microchip Technology

Back Button PIC18F8722-I/PTSQTP Datasheet HTML 8Page - Microchip Technology PIC18F8722-I/PTSQTP Datasheet HTML 9Page - Microchip Technology PIC18F8722-I/PTSQTP Datasheet HTML 10Page - Microchip Technology PIC18F8722-I/PTSQTP Datasheet HTML 11Page - Microchip Technology PIC18F8722-I/PTSQTP Datasheet HTML 12Page - Microchip Technology PIC18F8722-I/PTSQTP Datasheet HTML 13Page - Microchip Technology PIC18F8722-I/PTSQTP Datasheet HTML 14Page - Microchip Technology PIC18F8722-I/PTSQTP Datasheet HTML 15Page - Microchip Technology PIC18F8722-I/PTSQTP Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 446 page
background image
PIC18F8722 FAMILY
DS39646C-page 10
© 2008 Microchip Technology Inc.
TABLE 1-2:
DEVICE FEATURES (PIC18F8527/8622/8627/8722)
Features
PIC18F8527
PIC18F8622
PIC18F8627
PIC18F8722
Operating Frequency
DC – 40 MHz
DC – 40 MHz
DC – 40 MHz
DC – 40 MHz
Program Memory (Bytes)
48K
64K
96K
128K
Program Memory (Instructions)
24576
32768
49152
65536
Data Memory (Bytes)
3936
3936
3936
3936
Data EEPROM Memory (Bytes)
1024
1024
1024
1024
Interrupt Sources
29
29
29
29
I/O Ports
Ports A, B, C, D, E,
F, G, H, J
Ports A, B, C, D, E,
F, G, H, J
Ports A, B, C, D, E,
F, G, H, J
Ports A, B, C, D, E,
F, G, H, J
Timers
5
5
5
5
Capture/Compare/PWM
Modules
22
22
Enhanced Capture/Compare/
PWM Modules
33
33
Enhanced USART
2
2
2
2
Serial Communications
MSSP,
Enhanced USART
MSSP,
Enhanced USART
MSSP,
Enhanced USART
MSSP,
Enhanced USART
Parallel Communications
(PSP)
Yes
Yes
Yes
Yes
10-bit Analog-to-Digital Module
16 Input Channels
16 Input Channels
16 Input Channels
16 Input Channels
Resets (and Delays)
POR, BOR,
RESET
Instruction,
Stack Full, Stack
Underflow (PWRT, OST),
MCLR (optional), WDT
POR, BOR,
RESET
Instruction,
Stack Full, Stack
Underflow (PWRT, OST),
MCLR (optional), WDT
POR, BOR,
RESET
Instruction,
Stack Full, Stack
Underflow (PWRT, OST),
MCLR (optional), WDT
POR, BOR,
RESET
Instruction,
Stack Full, Stack
Underflow (PWRT, OST),
MCLR (optional), WDT
Programmable
High/Low-Voltage Detect
Yes
Yes
Yes
Yes
Programmable Brown-out
Reset
Yes
Yes
Yes
Yes
Instruction Set
75 Instructions;
83 with Extended
Instruction Set enabled
75 Instructions;
83 with Extended
Instruction Set enabled
75 Instructions;
83 with Extended
Instruction Set enabled
75 Instructions;
83 with Extended
Instruction Set enabled
Packages
80-pin TQFP
80-pin TQFP
80-pin TQFP
80-pin TQFP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com