Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F4520-E/SP Datasheet(PDF) 51 Page - Microchip Technology

Part # PIC18F4520-E/SP
Description  28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  412 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4520-E/SP Datasheet(HTML) 51 Page - Microchip Technology

Back Button PIC18F4520-E/SP Datasheet HTML 47Page - Microchip Technology PIC18F4520-E/SP Datasheet HTML 48Page - Microchip Technology PIC18F4520-E/SP Datasheet HTML 49Page - Microchip Technology PIC18F4520-E/SP Datasheet HTML 50Page - Microchip Technology PIC18F4520-E/SP Datasheet HTML 51Page - Microchip Technology PIC18F4520-E/SP Datasheet HTML 52Page - Microchip Technology PIC18F4520-E/SP Datasheet HTML 53Page - Microchip Technology PIC18F4520-E/SP Datasheet HTML 54Page - Microchip Technology PIC18F4520-E/SP Datasheet HTML 55Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 412 page
background image
© 2008 Microchip Technology Inc.
DS39631E-page 49
PIC18F2420/2520/4420/4520
TABLE 4-4:
INITIALIZATION CONDITIONS FOR ALL REGISTERS
Register
Applicable Devices
Power-on Reset,
Brown-out Reset
MCLR Resets,
WDT Reset,
RESET
Instruction,
Stack Resets
Wake-up via WDT
or Interrupt
TOSU
2420
2520
4420
4520
---0 0000
---0 0000
---0 uuuu(3)
TOSH
2420
2520
4420
4520
0000 0000
0000 0000
uuuu uuuu
(3)
TOSL
2420
2520
4420
4520
0000 0000
0000 0000
uuuu uuuu
(3)
STKPTR
2420
2520
4420
4520
00-0 0000
uu-0 0000
uu-u uuuu(3)
PCLATU
2420
2520
4420
4520
---0 0000
---0 0000
---u uuuu
PCLATH
2420
2520
4420
4520
0000 0000
0000 0000
uuuu uuuu
PCL
2420
2520
4420
4520
0000 0000
0000 0000
PC + 2(2)
TBLPTRU
2420
2520
4420
4520
--00 0000
--00 0000
--uu uuuu
TBLPTRH
2420
2520
4420
4520
0000 0000
0000 0000
uuuu uuuu
TBLPTRL
2420
2520
4420
4520
0000 0000
0000 0000
uuuu uuuu
TABLAT
2420
2520
4420
4520
0000 0000
0000 0000
uuuu uuuu
PRODH
2420
2520
4420
4520
xxxx xxxx
uuuu uuuu
uuuu uuuu
PRODL
2420
2520
4420
4520
xxxx xxxx
uuuu uuuu
uuuu uuuu
INTCON
2420
2520
4420
4520
0000 000x
0000 000u
uuuu uuuu
(1)
INTCON2
2420
2520
4420
4520
1111 -1-1
1111 -1-1
uuuu -u-u
(1)
INTCON3
2420
2520
4420
4520
11-0 0-00
11-0 0-00
uu-u u-uu(1)
INDF0
2420
2520
4420
4520
N/A
N/A
N/A
POSTINC0
2420
2520
4420
4520
N/A
N/A
N/A
POSTDEC0
2420
2520
4420
4520
N/A
N/A
N/A
PREINC0
2420
2520
4420
4520
N/A
N/A
N/A
PLUSW0
2420
2520
4420
4520
N/A
N/A
N/A
FSR0H
2420
2520
4420
4520
---- 0000
---- 0000
---- uuuu
FSR0L
2420
2520
4420
4520
xxxx xxxx
uuuu uuuu
uuuu uuuu
WREG
2420
2520
4420
4520
xxxx xxxx
uuuu uuuu
uuuu uuuu
INDF1
2420
2520
4420
4520
N/A
N/A
N/A
POSTINC1
2420
2520
4420
4520
N/A
N/A
N/A
POSTDEC1
2420
2520
4420
4520
N/A
N/A
N/A
PREINC1
2420
2520
4420
4520
N/A
N/A
N/A
PLUSW1
2420
2520
4420
4520
N/A
N/A
N/A
Legend:
u
= unchanged, x = unknown, - = unimplemented bit, read as ‘0’, q = value depends on condition.
Shaded cells indicate conditions do not apply for the designated device.
Note
1:
One or more bits in the INTCONx or PIRx registers will be affected (to cause wake-up).
2:
When the wake-up is due to an interrupt and the GIEL or GIEH bit is set, the PC is loaded with the interrupt vector
(0008h or 0018h).
3:
When the wake-up is due to an interrupt and the GIEL or GIEH bit is set, the TOSU, TOSH and TOSL are updated with
the current value of the PC. The STKPTR is modified to point to the next location in the hardware stack.
4:
See Table 4-3 for Reset value for specific condition.
5:
Bits 6 and 7 of PORTA, LATA and TRISA are enabled depending on the oscillator mode selected. When not enabled as
PORTA pins, they are disabled and read ‘0’.
6:
The Reset value of the PCFG bits depends on the value of the PBADEN Configuration bit (CONFIG3H<1>). When
PBADEN = 1, PCFG<2:0> = 000; when PBADEN = 0, PCFG<2:0> = 111.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com