Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F44J10 Datasheet(PDF) 242 Page - Microchip Technology

Part # PIC18F44J10
Description  28/40/44-Pin High-Performance, RISC Microcontrollers
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F44J10 Datasheet(HTML) 242 Page - Microchip Technology

Back Button PIC18F44J10 Datasheet HTML 238Page - Microchip Technology PIC18F44J10 Datasheet HTML 239Page - Microchip Technology PIC18F44J10 Datasheet HTML 240Page - Microchip Technology PIC18F44J10 Datasheet HTML 241Page - Microchip Technology PIC18F44J10 Datasheet HTML 242Page - Microchip Technology PIC18F44J10 Datasheet HTML 243Page - Microchip Technology PIC18F44J10 Datasheet HTML 244Page - Microchip Technology PIC18F44J10 Datasheet HTML 245Page - Microchip Technology PIC18F44J10 Datasheet HTML 246Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 242 / 368 page
background image
PIC18F45J10 FAMILY
DS39682E-page 240
© 2009 Microchip Technology Inc.
REGISTER 21-5:
CONFIG3L: CONFIGURATION REGISTER 3 LOW (BYTE ADDRESS 300004h)
U-0
U-0
U-0
U-0
U-0
U-0
U-0
U-0
—
—
—
—
—
—
—
—
bit 7
bit 0
Legend:
R = Readable bit
WO = Write Once bit
U = Unimplemented bit, read as ‘0’
-n = Value when device is unprogrammed
‘1’ = Bit is set
‘0’ = Bit is cleared
bit 7-0
Unimplemented:
Read as ‘0’
REGISTER 21-6:
CONFIG3H: CONFIGURATION REGISTER 3 HIGH (BYTE ADDRESS 300005h)
U-0
U-0
U-0
U-0
U-0
U-0
U-0
R/WO-1
—(1)
—(1)
—(1)
—(1)
—
—
—
CCP2MX
bit 7
bit 0
Legend:
R = Readable bit
WO = Write Once bit
U = Unimplemented bit, read as ‘0’
-n = Value when device is unprogrammed
‘1’ = Bit is set
‘0’ = Bit is cleared
bit 7-1
Unimplemented:
Read as ‘1’(1)
bit 0
CCP2MX:
CCP2 MUX bit
1
= CCP2 is multiplexed with RC1
0
= CCP2 is multiplexed with RB3
Note 1:
The value of these bits in program memory should always be ‘1’. This ensures that the location is
executed as a NOP if it is accidentally executed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com