Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F44J10 Datasheet(PDF) 11 Page - Microchip Technology

Part # PIC18F44J10
Description  28/40/44-Pin High-Performance, RISC Microcontrollers
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F44J10 Datasheet(HTML) 11 Page - Microchip Technology

Back Button PIC18F44J10 Datasheet HTML 7Page - Microchip Technology PIC18F44J10 Datasheet HTML 8Page - Microchip Technology PIC18F44J10 Datasheet HTML 9Page - Microchip Technology PIC18F44J10 Datasheet HTML 10Page - Microchip Technology PIC18F44J10 Datasheet HTML 11Page - Microchip Technology PIC18F44J10 Datasheet HTML 12Page - Microchip Technology PIC18F44J10 Datasheet HTML 13Page - Microchip Technology PIC18F44J10 Datasheet HTML 14Page - Microchip Technology PIC18F44J10 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 368 page
background image
© 2009 Microchip Technology Inc.
DS39682E-page 9
PIC18F45J10 FAMILY
TABLE 1-1:
DEVICE FEATURES
Features
PIC18F24J10
PIC18F25J10
PIC18F44J10
PIC18F45J10
Operating Frequency
DC – 40 MHz
DC – 40 MHz
DC – 40 MHz
DC – 40 MHz
Program Memory (Bytes)
16384
32768
16384
32768
Program Memory
(Instructions)
8192
16384
8192
16384
Data Memory (Bytes)
1024
1024
1024
1024
Interrupt Sources
19
19
20
20
I/O Ports
Ports A, B, C
Ports A, B, C
Ports A, B, C, D, E
Ports A, B, C, D, E
Timers
3
3
3
3
Capture/Compare/PWM Modules
2
2
1
1
Enhanced
Capture/Compare/PWM Modules
0
011
Serial Communications
MSSP,
Enhanced USART
MSSP,
Enhanced USART
MSSP,
Enhanced USART
MSSP,
Enhanced USART
Parallel Communications (PSP)
No
No
Yes
Yes
10-Bit Analog-to-Digital Module
10 Input Channels
10 Input Channels
13 Input Channels
13 Input Channels
Resets (and Delays)
POR, BOR(1),
RESET
Instruction,
Stack Full, Stack
Underflow (PWRT,
OST),
MCLR, WDT
POR, BOR(1),
RESET
Instruction,
Stack Full, Stack
Underflow (PWRT,
OST),
MCLR, WDT
POR, BOR(1),
RESET
Instruction,
Stack Full, Stack
Underflow (PWRT,
OST),
MCLR, WDT
POR, BOR(1),
RESET
Instruction,
Stack Full, Stack
Underflow (PWRT,
OST),
MCLR, WDT
Programmable Brown-out Reset
Yes
Yes
Yes
Yes
Instruction Set
75 Instructions;
83 with Extended
Instruction Set enabled
75 Instructions;
83 with Extended
Instruction Set enabled
75 Instructions;
83 with Extended
Instruction Set enabled
75 Instructions;
83 with Extended
Instruction Set enabled
Packages
28-pin SPDIP
28-pin SOIC
28-pin SSOP
28-pin QFN
28-pin SPDIP
28-pin SOIC
28-pin SSOP
28-pin QFN
40-pin PDIP
44-pin QFN
44-pin TQFP
40-pin PDIP
44-pin QFN
44-pin TQFP
Note
1:
BOR is not available in PIC18LF2XJ10/4XJ10 devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com