Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F44J10 Datasheet(PDF) 249 Page - Microchip Technology

Part # PIC18F44J10
Description  28/40/44-Pin High-Performance, RISC Microcontrollers
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F44J10 Datasheet(HTML) 249 Page - Microchip Technology

Back Button PIC18F44J10 Datasheet HTML 245Page - Microchip Technology PIC18F44J10 Datasheet HTML 246Page - Microchip Technology PIC18F44J10 Datasheet HTML 247Page - Microchip Technology PIC18F44J10 Datasheet HTML 248Page - Microchip Technology PIC18F44J10 Datasheet HTML 249Page - Microchip Technology PIC18F44J10 Datasheet HTML 250Page - Microchip Technology PIC18F44J10 Datasheet HTML 251Page - Microchip Technology PIC18F44J10 Datasheet HTML 252Page - Microchip Technology PIC18F44J10 Datasheet HTML 253Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 249 / 368 page
background image
© 2009 Microchip Technology Inc.
DS39682E-page 247
PIC18F45J10 FAMILY
21.6
Program Verification and
Code Protection
For all devices in the PIC18F45J10 family of devices,
the on-chip program memory space is treated as a
single block. Code protection for this block is controlled
by one Configuration bit, CP0. This bit inhibits external
reads and writes to the program memory space. It has
no direct effect in normal execution mode.
21.6.1
CONFIGURATION REGISTER
PROTECTION
The Configuration registers are protected against
untoward changes or reads in two ways. The primary
protection is the write-once feature of the Configuration
bits which prevents reconfiguration once the bit has
been programmed during a power cycle. To safeguard
against
unpredictable
events,
Configuration
bit
changes resulting from individual cell-level disruptions
(such as ESD events) will cause a parity error and
trigger a device Reset.
The data for the Configuration registers is derived from
the Flash Configuration Words in program memory.
When the CP0 bit is set, the source data for device
configuration is also protected as a consequence.
21.7
In-Circuit Serial Programming
PIC18F45J10 family microcontrollers can be serially
programmed while in the end application circuit. This is
simply done with two lines for clock and data and three
other lines for power, ground and the programming
voltage. This allows customers to manufacture boards
with unprogrammed devices and then program the
microcontroller just before shipping the product. This
also allows the most recent firmware or a custom
firmware to be programmed.
21.8
In-Circuit Debugger
When the DEBUG Configuration bit is programmed to
a ‘0’, the In-Circuit Debugger functionality is enabled.
This function allows simple debugging functions when
used with MPLAB® IDE. When the microcontroller has
this feature enabled, some resources are not available
for general use. Table 21-3 shows which resources are
required by the background debugger.
TABLE 21-3:
DEBUGGER RESOURCES
I/O pins:
RB6, RB7
Stack:
2 levels
Program Memory:
512 bytes
Data Memory:
32 bytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com