Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F44J10-I/MLQTP Datasheet(PDF) 320 Page - Microchip Technology

Part # PIC18F44J10-I/MLQTP
Description  28/40/44-Pin High-Performance, RISC Microcontrollers
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F44J10-I/MLQTP Datasheet(HTML) 320 Page - Microchip Technology

Back Button PIC18F44J10-I/MLQTP Datasheet HTML 316Page - Microchip Technology PIC18F44J10-I/MLQTP Datasheet HTML 317Page - Microchip Technology PIC18F44J10-I/MLQTP Datasheet HTML 318Page - Microchip Technology PIC18F44J10-I/MLQTP Datasheet HTML 319Page - Microchip Technology PIC18F44J10-I/MLQTP Datasheet HTML 320Page - Microchip Technology PIC18F44J10-I/MLQTP Datasheet HTML 321Page - Microchip Technology PIC18F44J10-I/MLQTP Datasheet HTML 322Page - Microchip Technology PIC18F44J10-I/MLQTP Datasheet HTML 323Page - Microchip Technology PIC18F44J10-I/MLQTP Datasheet HTML 324Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 320 / 368 page
background image
PIC18F45J10 FAMILY
DS39682E-page 318
© 2009 Microchip Technology Inc.
24.4.2
TIMING CONDITIONS
The temperature and voltages specified in Table 24-5
apply to all timing specifications unless otherwise
noted. Figure 24-3 specifies the load conditions for the
timing specifications.
TABLE 24-5:
TEMPERATURE AND VOLTAGE SPECIFICATIONS – AC
FIGURE 24-3:
LOAD CONDITIONS FOR DEVICE TIMING SPECIFICATIONS
AC CHARACTERISTICS
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤ +85°C for industrial
Operating voltage VDD range as described in DC spec Section 24.1 and
Section 24.3
.
VDD/2
CL
RL
Pin
Pin
VSS
VSS
CL
RL =464
Ω
CL = 50 pF
for all pins except OSC2/CLKO
and including D and E outputs as ports
CL = 15 pF
for OSC2/CLK0
Load Condition 1
Load Condition 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com