Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F44J10-I/MLQTP Datasheet(PDF) 321 Page - Microchip Technology

Part # PIC18F44J10-I/MLQTP
Description  28/40/44-Pin High-Performance, RISC Microcontrollers
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F44J10-I/MLQTP Datasheet(HTML) 321 Page - Microchip Technology

Back Button PIC18F44J10-I/MLQTP Datasheet HTML 317Page - Microchip Technology PIC18F44J10-I/MLQTP Datasheet HTML 318Page - Microchip Technology PIC18F44J10-I/MLQTP Datasheet HTML 319Page - Microchip Technology PIC18F44J10-I/MLQTP Datasheet HTML 320Page - Microchip Technology PIC18F44J10-I/MLQTP Datasheet HTML 321Page - Microchip Technology PIC18F44J10-I/MLQTP Datasheet HTML 322Page - Microchip Technology PIC18F44J10-I/MLQTP Datasheet HTML 323Page - Microchip Technology PIC18F44J10-I/MLQTP Datasheet HTML 324Page - Microchip Technology PIC18F44J10-I/MLQTP Datasheet HTML 325Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 321 / 368 page
background image
© 2009 Microchip Technology Inc.
DS39682E-page 319
PIC18F45J10 FAMILY
24.4.3
TIMING DIAGRAMS AND SPECIFICATIONS
FIGURE 24-4:
EXTERNAL CLOCK TIMING (ALL MODES EXCEPT PLL)
TABLE 24-6:
EXTERNAL CLOCK TIMING REQUIREMENTS
Param.
No.
Symbol
Characteristic
Min
Max
Units
Conditions
1A
FOSC
External CLKI Frequency(1)
DC
40
MHz
EC Oscillator mode
Oscillator Frequency(1)
4
25
MHz
HS Oscillator mode
1TOSC
External CLKI Period(1)
25
—
ns
EC Oscillator mode
Oscillator Period(1)
25
250
ns
HS Oscillator mode
2TCY
Instruction Cycle Time(1)
100
—
ns
TCY = 4/FOSC, Industrial
3TOSL,
TOSH
External Clock in (OSC1)
High or Low Time
10
—
ns
EC Oscillator mode
4TOSR,
TOSF
External Clock in (OSC1)
Rise or Fall Time
—
7.5
ns
EC Oscillator mode
Note 1:
Instruction cycle period (TCY) equals four times the input oscillator time base period for all configurations.
All specified values are based on characterization data for that particular oscillator type under standard
operating conditions with the device executing code. Exceeding these specified limits may result in an
unstable oscillator operation and/or higher than expected current consumption. All devices are tested to
operate at “min.” values with an external clock applied to the OSC1/CLKI pin. When an external clock input
is used, the “max.” cycle time limit is “DC” (no clock) for all devices.
OSC1
CLKO
Q4
Q1
Q2
Q3
Q4
Q1
1
2
3
3
4
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com