Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F44J10-I/MLQTP Datasheet(PDF) 182 Page - Microchip Technology

Part # PIC18F44J10-I/MLQTP
Description  28/40/44-Pin High-Performance, RISC Microcontrollers
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F44J10-I/MLQTP Datasheet(HTML) 182 Page - Microchip Technology

Back Button PIC18F44J10-I/MLQTP Datasheet HTML 178Page - Microchip Technology PIC18F44J10-I/MLQTP Datasheet HTML 179Page - Microchip Technology PIC18F44J10-I/MLQTP Datasheet HTML 180Page - Microchip Technology PIC18F44J10-I/MLQTP Datasheet HTML 181Page - Microchip Technology PIC18F44J10-I/MLQTP Datasheet HTML 182Page - Microchip Technology PIC18F44J10-I/MLQTP Datasheet HTML 183Page - Microchip Technology PIC18F44J10-I/MLQTP Datasheet HTML 184Page - Microchip Technology PIC18F44J10-I/MLQTP Datasheet HTML 185Page - Microchip Technology PIC18F44J10-I/MLQTP Datasheet HTML 186Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 182 / 368 page
background image
PIC18F45J10 FAMILY
DS39682E-page 180
© 2009 Microchip Technology Inc.
16.4.8
I2C MASTER MODE START
CONDITION TIMING
To initiate a Start condition, the user sets the Start
Enable bit, SEN (SSPxCON2<0>). If the SDAx and
SCLx pins are sampled high, the Baud Rate Generator
is reloaded with the contents of SSPxADD<6:0> and
starts its count. If SCLx and SDAx are both sampled
high when the Baud Rate Generator times out (TBRG),
the SDAx pin is driven low. The action of the SDAx
being driven low while SCLx is high is the Start condi-
tion and causes the S bit (SSPxSTAT<3>) to be set.
Following this, the Baud Rate Generator is reloaded
with the contents of SSPxADD<6:0> and resumes its
count. When the Baud Rate Generator times out
(TBRG), the SEN bit (SSPxCON2<0>) will be automati-
cally cleared by hardware. The Baud Rate Generator is
suspended, leaving the SDAx line held low and the
Start condition is complete.
16.4.8.1
WCOL Status Flag
If the user writes the SSPxBUF when a Start sequence
is in progress, the WCOL is set and the contents of the
buffer are unchanged (the write doesn’t occur).
FIGURE 16-19:
FIRST START BIT TIMING
Note:
If, at the beginning of the Start condition,
the SDAx and SCLx pins are already sam-
pled low, or if during the Start condition, the
SCLx line is sampled low before the SDAx
line is driven low, a bus collision occurs.
The Bus Collision Interrupt Flag, BCLxIF,
is set, the Start condition is aborted and
the I2C module is reset into its Idle state.
Note:
Because queueing of events is not
allowed, writing to the lower 5 bits of
SSPxCON2 is disabled until the Start
condition is complete.
SDAx
SCLx
S
TBRG
1st bit
2nd bit
TBRG
SDAx = 1,
At completion of Start bit,
SCLx = 1
Write to SSPxBUF occurs here
TBRG
hardware clears SEN bit
TBRG
Write to SEN bit occurs here
Set S bit (SSPxSTAT<3>)
and sets SSPxIF bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com