Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F44J10-I/MLQTP Datasheet(PDF) 183 Page - Microchip Technology

Part # PIC18F44J10-I/MLQTP
Description  28/40/44-Pin High-Performance, RISC Microcontrollers
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F44J10-I/MLQTP Datasheet(HTML) 183 Page - Microchip Technology

Back Button PIC18F44J10-I/MLQTP Datasheet HTML 179Page - Microchip Technology PIC18F44J10-I/MLQTP Datasheet HTML 180Page - Microchip Technology PIC18F44J10-I/MLQTP Datasheet HTML 181Page - Microchip Technology PIC18F44J10-I/MLQTP Datasheet HTML 182Page - Microchip Technology PIC18F44J10-I/MLQTP Datasheet HTML 183Page - Microchip Technology PIC18F44J10-I/MLQTP Datasheet HTML 184Page - Microchip Technology PIC18F44J10-I/MLQTP Datasheet HTML 185Page - Microchip Technology PIC18F44J10-I/MLQTP Datasheet HTML 186Page - Microchip Technology PIC18F44J10-I/MLQTP Datasheet HTML 187Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 368 page
background image
© 2009 Microchip Technology Inc.
DS39682E-page 181
PIC18F45J10 FAMILY
16.4.9
I2C MASTER MODE REPEATED
START CONDITION TIMING
A Repeated Start condition occurs when the RSEN bit
(SSPxCON2<1>) is programmed high and the I2C logic
module is in the Idle state. When the RSEN bit is set,
the SCLx pin is asserted low. When the SCLx pin is
sampled low, the Baud Rate Generator is loaded with
the contents of SSPxADD<6:0> and begins counting.
The SDAx pin is released (brought high) for one Baud
Rate Generator count (TBRG). When the Baud Rate
Generator times out, if SDAx is sampled high, the SCLx
pin will be deasserted (brought high). When SCLx is
sampled high, the Baud Rate Generator is reloaded
with the contents of SSPxADD<6:0> and begins count-
ing. SDAx and SCLx must be sampled high for one
TBRG. This action is then followed by assertion of the
SDAx pin (SDAx = 0) for one TBRG while SCLx is high.
Following this, the RSEN bit (SSPxCON2<1>) will be
automatically cleared and the Baud Rate Generator will
not be reloaded, leaving the SDAx pin held low. As
soon as a Start condition is detected on the SDAx and
SCLx pins, the S bit (SSPxSTAT<3>) will be set. The
SSPxIF bit will not be set until the Baud Rate Generator
has timed out.
Immediately following the SSPxIF bit getting set, the
user may write the SSPxBUF with the 7-bit address in
7-bit mode or the default first address in 10-bit mode.
After the first eight bits are transmitted and an ACK is
received, the user may then transmit an additional eight
bits of address (10-bit mode) or eight bits of data (7-bit
mode).
16.4.9.1
WCOL Status Flag
If the user writes the SSPxBUF when a Repeated Start
sequence is in progress, the WCOL is set and the
contents of the buffer are unchanged (the write doesn’t
occur).
FIGURE 16-20:
REPEATED START CONDITION WAVEFORM
Note 1:
If RSEN is programmed while any other
event is in progress, it will not take effect.
2:
A bus collision during the Repeated Start
condition occurs if:
• SDAx is sampled low when SCLx
goes from low-to-high.
• SCLx goes low before SDAx is
asserted low. This may indicate that
another master is attempting to
transmit a data ‘1’.
Note:
Because queueing of events is not
allowed, writing of the lower 5 bits of
SSPxCON2 is disabled until the Repeated
Start condition is complete.
SDAx
SCLx
Sr = Repeated Start
Write to SSPxCON2
Write to SSPxBUF occurs here
on falling edge of ninth clock,
end of Xmit
At completion of Start bit,
hardware clears RSEN bit
1st bit
S bit set by hardware
TBRG
TBRG
SDAx = 1,
SDAx = 1,
SCLx (no change)
SCLx = 1
occurs here:
TBRG
TBRG
and sets SSPxIF
RSEN bit set by hardware
TBRG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com