Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F44J10-I/SOSQTP Datasheet(PDF) 362 Page - Microchip Technology

Part # PIC18F44J10-I/SOSQTP
Description  28/40/44-Pin High-Performance, RISC Microcontrollers
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F44J10-I/SOSQTP Datasheet(HTML) 362 Page - Microchip Technology

Back Button PIC18F44J10-I/SOSQTP Datasheet HTML 358Page - Microchip Technology PIC18F44J10-I/SOSQTP Datasheet HTML 359Page - Microchip Technology PIC18F44J10-I/SOSQTP Datasheet HTML 360Page - Microchip Technology PIC18F44J10-I/SOSQTP Datasheet HTML 361Page - Microchip Technology PIC18F44J10-I/SOSQTP Datasheet HTML 362Page - Microchip Technology PIC18F44J10-I/SOSQTP Datasheet HTML 363Page - Microchip Technology PIC18F44J10-I/SOSQTP Datasheet HTML 364Page - Microchip Technology PIC18F44J10-I/SOSQTP Datasheet HTML 365Page - Microchip Technology PIC18F44J10-I/SOSQTP Datasheet HTML 366Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 362 / 368 page
background image
PIC18F45J10 FAMILY
DS39682E-page 360
© 2009 Microchip Technology Inc.
Timer0 .............................................................................. 115
Associated Registers ............................................... 117
Clock Source Select (T0CS Bit) ............................... 116
Operation ................................................................. 116
Overflow Interrupt .................................................... 117
Prescaler .................................................................. 117
Prescaler Assignment (PSA Bit) .............................. 117
Prescaler Select (T0PS2:T0PS0 Bits) ..................... 117
Prescaler. See Prescaler, Timer0.
Reads and Writes in 16-Bit Mode ............................ 116
Source Edge Select (T0SE Bit) ................................ 116
Switching Prescaler Assignment .............................. 117
Timer1 .............................................................................. 119
16-Bit Read/Write Mode ........................................... 121
Associated Registers ............................................... 124
Interrupt .................................................................... 122
Operation ................................................................. 120
Oscillator .......................................................... 119, 121
Layout Considerations ..................................... 122
Oscillator, as Secondary Clock .................................. 30
Overflow Interrupt .................................................... 119
Resetting, Using the ECCP/CCP
Special Event Trigger ....................................... 123
Special Event Trigger (ECCP) ................................. 136
TMR1H Register ...................................................... 119
TMR1L Register ....................................................... 119
Use as a Clock Source ............................................ 122
Use as a Real-Time Clock ....................................... 123
Timer2 .............................................................................. 125
Associated Registers ............................................... 126
Interrupt .................................................................... 126
Operation ................................................................. 125
Output ...................................................................... 126
PR2 Register .................................................... 132, 137
TMR2-to-PR2 Match Interrupt .......................... 132, 137
Timing Diagrams
A/D Conversion ........................................................ 334
Acknowledge Sequence .......................................... 185
Asynchronous Reception ......................................... 206
Asynchronous Transmission .................................... 204
Asynchronous Transmission (Back to Back) ........... 204
Automatic Baud Rate Calculation ............................ 202
Auto-Wake-up Bit (WUE) During
Normal Operation ............................................. 207
Auto-Wake-up Bit (WUE) During Sleep ................... 207
Baud Rate Generator with Clock Arbitration ............ 179
BRG Overflow Sequence ......................................... 202
BRG Reset Due to SDAx Arbitration During
Start Condition ................................................. 189
Brown-out Reset (BOR) ........................................... 322
Bus Collision During a Repeated
Start Condition (Case 1) .................................. 190
Bus Collision During a Repeated
Start Condition (Case 2) .................................. 190
Bus Collision During a
Start Condition (SCLx = 0) ............................... 189
Bus Collision During a
Stop Condition (Case 1) ................................... 191
Bus Collision During a
Stop Condition (Case 2) ................................... 191
Bus Collision During
Start Condition (SDAx Only) ............................ 188
Bus Collision for Transmit and Acknowledge ........... 187
Capture/Compare/PWM
(Including ECCP Module) ................................ 324
CLKO and I/O .......................................................... 321
Clock Synchronization ............................................. 172
Clock/Instruction Cycle .............................................. 56
EUSART Synchronous Receive (Master/Slave) ...... 333
EUSART Synchronous Transmission
(Master/Slave) ................................................. 333
Example SPI Master Mode (CKE = 0) ..................... 325
Example SPI Master Mode (CKE = 1) ..................... 326
Example SPI Slave Mode (CKE = 0) ....................... 327
Example SPI Slave Mode (CKE = 1) ....................... 328
External Clock (All Modes Except PLL) ................... 319
Fail-Safe Clock Monitor ........................................... 246
First Start Bit Timing ................................................ 180
Full-Bridge PWM Output .......................................... 141
Half-Bridge PWM Output ......................................... 140
I2C Bus Data ............................................................ 329
I2C Bus Start/Stop Bits ............................................ 329
I2C Master Mode (7 or 10-Bit Transmission) ........... 183
I2C Master Mode (7-Bit Reception) .......................... 184
I2C Slave Mode (10-Bit Reception, SEN = 0) .......... 169
I2C Slave Mode (10-Bit Reception, SEN = 1) .......... 174
I2C Slave Mode (10-Bit Transmission) .................... 170
I2C Slave Mode (7-Bit Reception, SEN = 0) ............ 167
I2C Slave Mode (7-Bit Reception, SEN = 1) ............ 173
I2C Slave Mode (7-Bit Transmission) ...................... 168
I2C Slave Mode General Call Address
Sequence (7 or 10-Bit Address Mode) ............ 175
I2C Stop Condition Receive or Transmit Mode ........ 186
Master SSP I2C Bus Data ........................................ 331
Master SSP I2C Bus Start/Stop Bits ........................ 331
Parallel Slave Port (PSP) Read ............................... 114
Parallel Slave Port (PSP) Write ............................... 114
PWM Auto-Shutdown (PRSEN = 0,
Auto-Restart Disabled) .................................... 146
PWM Auto-Shutdown (PRSEN = 1,
Auto-Restart Enabled) ..................................... 146
PWM Direction Change ........................................... 143
PWM Direction Change at Near
100% Duty Cycle ............................................. 143
PWM Output ............................................................ 132
Repeated Start Condition ........................................ 181
Reset, Watchdog Timer (WDT), Oscillator Start-up
Timer (OST) and Power-up Timer (PWRT) ..... 322
Send Break Character Sequence ............................ 208
Slave Synchronization ............................................. 155
Slow Rise Time (MCLR Tied to VDD,
VDD Rise > TPWRT) ............................................ 45
SPI Mode (Master Mode) ......................................... 154
SPI Mode (Slave Mode, CKE = 0) ........................... 156
SPI Mode (Slave Mode, CKE = 1) ........................... 156
Synchronous Reception
(Master Mode, SREN) ..................................... 211
Synchronous Transmission ..................................... 209
Synchronous Transmission (Through TXEN) .......... 210
Time-out Sequence on Power-up
(MCLR Not Tied to VDD), Case 1 ...................... 45
Time-out Sequence on Power-up
(MCLR Not Tied to VDD), Case 2 ...................... 45
Time-out Sequence on Power-up
(MCLR Tied to VDD, VDD Rise /Tpwrt) ............... 44
Timer0 and Timer1 External Clock .......................... 323
Transition for Entry to Idle Mode ................................ 39
Transition for Entry to SEC_RUN Mode .................... 36
Transition for Entry to Sleep Mode ............................ 38
Transition for Two-Speed Start-up (INTRC) ............ 244



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com