Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F44J10-I/SS Datasheet(PDF) 31 Page - Microchip Technology

Part # PIC18F44J10-I/SS
Description  28/40/44-Pin High-Performance, RISC Microcontrollers
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F44J10-I/SS Datasheet(HTML) 31 Page - Microchip Technology

Back Button PIC18F44J10-I/SS Datasheet HTML 27Page - Microchip Technology PIC18F44J10-I/SS Datasheet HTML 28Page - Microchip Technology PIC18F44J10-I/SS Datasheet HTML 29Page - Microchip Technology PIC18F44J10-I/SS Datasheet HTML 30Page - Microchip Technology PIC18F44J10-I/SS Datasheet HTML 31Page - Microchip Technology PIC18F44J10-I/SS Datasheet HTML 32Page - Microchip Technology PIC18F44J10-I/SS Datasheet HTML 33Page - Microchip Technology PIC18F44J10-I/SS Datasheet HTML 34Page - Microchip Technology PIC18F44J10-I/SS Datasheet HTML 35Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 368 page
background image
© 2009 Microchip Technology Inc.
DS39682E-page 29
PIC18F45J10 FAMILY
3.4
PLL Frequency Multiplier
A Phase Locked Loop (PLL) circuit is provided as an
option for users who want to use a lower frequency
oscillator circuit, or to clock the device up to its highest
rated frequency from a crystal oscillator. This may be
useful for customers who are concerned with EMI due
to high-frequency crystals, or users who require higher
clock speeds from an internal oscillator. For these
reasons, the HSPLL and ECPLL modes are available.
The HSPLL and ECPLL modes provide the ability to
selectively run the device at 4 times the external oscil-
lating source to produce frequencies up to 40 MHz.
The PLL is enabled by setting the PLLEN bit in the
OSCTUNE register (Register 3-1).
FIGURE 3-4:
PLL BLOCK DIAGRAM
VCO
Loop
Filter
OSC2
OSC1
PLL Enable (OSCTUNE)
FIN
FOUT
SYSCLK
Phase
Comparator
HSPLL or ECPLL (CONFIG2L)
÷4
HS or EC
Mode
REGISTER 3-1:
OSCTUNE: PLL CONTROL REGISTER
U-0
R/W-0
U-0
U-0
U-0
U-0
U-0
U-0
—PLLEN(1)
—
—
—
—
—
—
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
Unimplemented:
Read as ‘0’
bit 6
PLLEN:
Frequency Multiplier PLL Enable bit(1)
1
= PLL enabled
0
= PLL disabled
bit 5-0
Unimplemented:
Read as ‘0’
Note 1:
Available only for ECPLL and HSPLL oscillator configurations; otherwise, this bit is unavailable and reads
as ‘0’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com