Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F44J10-I/SS Datasheet(PDF) 152 Page - Microchip Technology

Part # PIC18F44J10-I/SS
Description  28/40/44-Pin High-Performance, RISC Microcontrollers
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F44J10-I/SS Datasheet(HTML) 152 Page - Microchip Technology

Back Button PIC18F44J10-I/SS Datasheet HTML 148Page - Microchip Technology PIC18F44J10-I/SS Datasheet HTML 149Page - Microchip Technology PIC18F44J10-I/SS Datasheet HTML 150Page - Microchip Technology PIC18F44J10-I/SS Datasheet HTML 151Page - Microchip Technology PIC18F44J10-I/SS Datasheet HTML 152Page - Microchip Technology PIC18F44J10-I/SS Datasheet HTML 153Page - Microchip Technology PIC18F44J10-I/SS Datasheet HTML 154Page - Microchip Technology PIC18F44J10-I/SS Datasheet HTML 155Page - Microchip Technology PIC18F44J10-I/SS Datasheet HTML 156Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 368 page
background image
PIC18F45J10 FAMILY
DS39682E-page 150
© 2009 Microchip Technology Inc.
16.3.1
REGISTERS
Each MSSP module has four registers for SPI mode
operation. These are:
• MSSP Control Register 1 (SSPxCON1)
• MSSP Status Register (SSPxSTAT)
• Serial Receive/Transmit Buffer Register
(SSPxBUF)
• MSSP Shift Register (SSPxSR) – Not directly
accessible
SSPxCON1 and SSPxSTAT are the control and status
registers in SPI mode operation. The SSPxCON1
register is readable and writable. The lower 6 bits of
the SSPxSTAT are read-only. The upper two bits of the
SSPxSTAT are read/write.
SSPxSR is the shift register used for shifting data in or
out. SSPxBUF is the buffer register to which data
bytes are written to or read from.
In receive operations, SSPxSR and SSPxBUF
together create a double-buffered receiver. When
SSPxSR receives a complete byte, it is transferred to
SSPxBUF and the SSPxIF interrupt is set.
During
transmission,
the
SSPxBUF
is
not
double-buffered. A write to SSPxBUF will write to both
SSPxBUF and SSPxSR.
REGISTER 16-1:
SSPxSTAT: MSSPx STATUS REGISTER (SPI MODE)
R/W-0
R/W-0
R-0
R-0
R-0
R-0
R-0
R-0
SMP
CKE(1)
D/A
PS
R/W
UA
BF
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
SMP:
Sample bit
SPI Master mode:
1
= Input data sampled at end of data output time
0
= Input data sampled at middle of data output time
SPI Slave mode:
SMP must be cleared when SPI is used in Slave mode.
bit 6
CKE:
SPI Clock Select bit(1)
1
= Transmit occurs on transition from active to Idle clock state
0
= Transmit occurs on transition from Idle to active clock state
bit 5
D/A:
Data/Address bit
Used in I2C mode only.
bit 4
P:
Stop bit
Used in I2C mode only. This bit is cleared when the MSSPx module is disabled, SSPEN is cleared.
bit 3
S:
Start bit
Used in I2C mode only.
bit 2
R/W:
Read/Write Information bit
Used in I2C mode only.
bit 1
UA:
Update Address bit
Used in I2C mode only.
bit 0
BF:
Buffer Full Status bit (Receive mode only)
1
= Receive complete, SSPxBUF is full
0
= Receive not complete, SSPxBUF is empty
Note 1:
Polarity of clock state is set by the CKP bit (SSPxCON1<4>).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com