Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F44J10-I/SS Datasheet(PDF) 157 Page - Microchip Technology

Part # PIC18F44J10-I/SS
Description  28/40/44-Pin High-Performance, RISC Microcontrollers
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F44J10-I/SS Datasheet(HTML) 157 Page - Microchip Technology

Back Button PIC18F44J10-I/SS Datasheet HTML 153Page - Microchip Technology PIC18F44J10-I/SS Datasheet HTML 154Page - Microchip Technology PIC18F44J10-I/SS Datasheet HTML 155Page - Microchip Technology PIC18F44J10-I/SS Datasheet HTML 156Page - Microchip Technology PIC18F44J10-I/SS Datasheet HTML 157Page - Microchip Technology PIC18F44J10-I/SS Datasheet HTML 158Page - Microchip Technology PIC18F44J10-I/SS Datasheet HTML 159Page - Microchip Technology PIC18F44J10-I/SS Datasheet HTML 160Page - Microchip Technology PIC18F44J10-I/SS Datasheet HTML 161Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 368 page
background image
© 2009 Microchip Technology Inc.
DS39682E-page 155
PIC18F45J10 FAMILY
16.3.6
SLAVE MODE
In Slave mode, the data is transmitted and received as
the external clock pulses appear on SCKx. When the
last bit is latched, the SSPxIF interrupt flag bit is set.
Before enabling the module in SPI Slave mode, the
clock line must match the proper Idle state. The clock
line can be observed by reading the SCKx pin. The Idle
state is determined by the CKP bit (SSPxCON1<4>).
While in Slave mode, the external clock is supplied by
the external clock source on the SCKx pin. This
external clock must meet the minimum high and low
times as specified in the electrical specifications.
While in Sleep mode, the slave can transmit/receive
data. When a byte is received, the device will wake-up
from Sleep.
16.3.7
SLAVE SELECT
SYNCHRONIZATION
The SSx pin allows a Synchronous Slave mode. The
SPI must be in Slave mode with SSx pin control
enabled (SSPxCON1<3:0> = 04h). When the SSx pin
is low, transmission and reception are enabled and the
SDOx pin is driven. When the SSx pin goes high, the
SDOx pin is no longer driven, even if in the middle of a
transmitted byte and becomes a floating output.
External pull-up/pull-down resistors may be desirable
depending on the application.
When the SPI module resets, the bit counter is forced
to ‘0’. This can be done by either forcing the SSx pin to
a high level or clearing the SSPEN bit.
To emulate two-wire communication, the SDOx pin can
be connected to the SDIx pin. When the SPI needs to
operate as a receiver, the SDOx pin can be configured
as an input. This disables transmissions from the
SDOx. The SDIx can always be left as an input (SDIx
function) since it cannot create a bus conflict.
FIGURE 16-4:
SLAVE SYNCHRONIZATION WAVEFORM
Note 1:
When the SPI is in Slave mode with SSx pin
control enabled (SSPxCON1<3:0> = 0100),
the SPI module will reset if the SSx pin is set
to VDD.
2:
If the SPI is used in Slave mode with CKE
set, then the SSx pin control must be
enabled.
SCKx
(CKP = 1
SCKx
(CKP = 0
Input
Sample
SDIx
bit 7
SDOx
bit 7
bit 6
bit 7
SSPxIF
Interrupt
(SMP = 0)
CKE = 0)
CKE = 0)
(SMP = 0)
Write to
SSPxBUF
SSPxSR to
SSPxBUF
SSx
Flag
bit 0
bit 7
bit 0
Next Q4 Cycle
after Q2
↓



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com