Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F44J10-I/SS Datasheet(PDF) 167 Page - Microchip Technology

Part # PIC18F44J10-I/SS
Description  28/40/44-Pin High-Performance, RISC Microcontrollers
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F44J10-I/SS Datasheet(HTML) 167 Page - Microchip Technology

Back Button PIC18F44J10-I/SS Datasheet HTML 163Page - Microchip Technology PIC18F44J10-I/SS Datasheet HTML 164Page - Microchip Technology PIC18F44J10-I/SS Datasheet HTML 165Page - Microchip Technology PIC18F44J10-I/SS Datasheet HTML 166Page - Microchip Technology PIC18F44J10-I/SS Datasheet HTML 167Page - Microchip Technology PIC18F44J10-I/SS Datasheet HTML 168Page - Microchip Technology PIC18F44J10-I/SS Datasheet HTML 169Page - Microchip Technology PIC18F44J10-I/SS Datasheet HTML 170Page - Microchip Technology PIC18F44J10-I/SS Datasheet HTML 171Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 368 page
background image
© 2009 Microchip Technology Inc.
DS39682E-page 165
PIC18F45J10 FAMILY
16.4.3.2
Address Masking
Masking an address bit causes that bit to become a
“don’t care”. When one address bit is masked, two
addresses will be Acknowledged and cause an
interrupt. It is possible to mask more than one address
bit at a time, which makes it possible to Acknowledge
up to 31 addresses in 7-Bit Addressing mode and up to
63 addresses in 10-Bit Addressing mode (see
Example 16-2).
The I2C Slave behaves the same way, whether
address masking is used or not. However, when
address masking is used, the I2C slave can
Acknowledge multiple addresses and cause interrupts.
When this occurs, it is necessary to determine which
address caused the interrupt by checking SSPxBUF.
In 7-Bit Addressing mode, Address Mask bits,
ADMSK<5:1>
(SSPxCON2<5:1>),
mask
the
corresponding address bits in the SSPxADD register. For
any ADMSK bits that are set (ADMSK<n> = 1), the cor-
responding address bit is ignored (SSPxADD<n> = x).
For the module to issue an address Acknowledge, it is
sufficient to match only on addresses that do not have an
active address mask.
In 10-Bit Addressing mode, ADMSK<5:2> bits mask
the corresponding address bits in the SSPxADD regis-
ter. In addition, ADMSK1 simultaneously masks the two
LSbs of the address (SSPxADD<1:0>). For any
ADMSK bits that are active (ADMSK<n> = 1), the cor-
responding address bit is ignored (SSPxADD<n> = x).
Also note that although in 10-Bit Addressing mode, the
upper address bits reuse part of the SSPxADD register
bits, the address mask bits do not interact with those
bits. They only affect the lower address bits.
EXAMPLE 16-2:
ADDRESS MASKING EXAMPLES
Note 1:
ADMSK1 masks the two Least Significant
bits of the address.
2:
The two Most Significant bits of the
address are not affected by address
masking.
7-Bit Addressing:
SSPxADD<7:1>= A0h (1010000) (SSPxADD<0> is assumed to be ‘0’)
ADMSK<5:1> = 00111
Addresses Acknowledged: A0h, A2h, A4h, A6h, A8h, AAh, ACh, AEh
10-Bit Addressing:
SSPxADD<7:0>= A0h (10100000) (the two MSbs of the address are ignored in this example, since they are
not affected by masking)
ADMSK<5:1> = 00111
Addresses Acknowledged: A0h, A1h, A2h, A3h, A4h, A5h, A6h, A7h, A8h, A9h, AAh, ABh, ACh, ADh, AEh, AFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com