Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EDL1216CFBJ Datasheet(PDF) 2 Page - Elpida Memory

Part # EDL1216CFBJ
Description  128M bits Mobile RAM?
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EDL1216CFBJ Datasheet(HTML) 2 Page - Elpida Memory

  EDL1216CFBJ Datasheet HTML 1Page - Elpida Memory EDL1216CFBJ Datasheet HTML 2Page - Elpida Memory EDL1216CFBJ Datasheet HTML 3Page - Elpida Memory EDL1216CFBJ Datasheet HTML 4Page - Elpida Memory EDL1216CFBJ Datasheet HTML 5Page - Elpida Memory EDL1216CFBJ Datasheet HTML 6Page - Elpida Memory EDL1216CFBJ Datasheet HTML 7Page - Elpida Memory EDL1216CFBJ Datasheet HTML 8Page - Elpida Memory EDL1216CFBJ Datasheet HTML 9Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 59 page
background image
EDL1216CFBJ
Preliminary Data Sheet E1137E51 (Ver. 5.1)
2
Ordering Information
Part number
Organization
(words
× bits)
Internal banks
Clock frequency
MHz (max.)
/CAS latency
Package
EDL1216CFBJ-75-F
8M
× 16
4
133
3
60-ball FBGA
Part Number
Elpida Memory
Density
12: 128M
Organization
16: x16
Power Supply, Interface
C: VDD = 1.8V, VDDQ = 1.8V, LVCMOS
Die Rev.
Product Family
L: SDR Mobile RAM
Type
D: Monolithic Device
E D L 12 16 C F BJ - 75 - F
Package
BJ: FBGA
Speed
75: 133MHz/CL3
Environment Code
F: Lead Free
(RoHS compliant)
and Halogen Free



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com