Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

D313 Datasheet(PDF) 2 Page - Weitron Technology

Part # D313
Description  NPN Silicon Epitaxial Power Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

D313 Datasheet(HTML) 2 Page - Weitron Technology

  D313 Datasheet HTML 1Page - Weitron Technology D313 Datasheet HTML 2Page - Weitron Technology D313 Datasheet HTML 3Page - Weitron Technology D313 Datasheet HTML 4Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2SD313
WEITRON
http://www.weitron.com.tw
ELECTRICAL CHARACTERISTICS (TA=25˚C Unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
ON CHARACTERISTICS
DC Current Gain
VCE= 2V, IC= 1A
VCE= 2V, IC= 0.1A
VCE= 2V, IC= 1A
Collector-Emitter Saturation Voltage
IC= 2A, IB= 200mA
Base-Emitter On Voltage
Transition Frequency
VCE= 5V, IC= 500mA
Transition Frequency
VCB= 10V, IE= 0 , f=1MHz
hFE1
hFE2
40
40
-
-
320
-
-
VCE(sat)
VBE
-
-
1.0
V
-
-
1.5
V
-
8
-
MHz
fT
-
65
-
pF
Cob
CLASSIFICATION OF hFE(1)
C
D
F
E
Rank
40-80
60-120
100-200
160-320
Range
2/4
06-Feb-07



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com