Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ACT8740 Datasheet(PDF) 34 Page - Active-Semi, Inc

Part # ACT8740
Description  Six Channel Integrated Power Management IC for Handheld Portable Equipment
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8740 Datasheet(HTML) 34 Page - Active-Semi, Inc

Back Button ACT8740_08 Datasheet HTML 30Page - Active-Semi, Inc ACT8740_08 Datasheet HTML 31Page - Active-Semi, Inc ACT8740_08 Datasheet HTML 32Page - Active-Semi, Inc ACT8740_08 Datasheet HTML 33Page - Active-Semi, Inc ACT8740_08 Datasheet HTML 34Page - Active-Semi, Inc ACT8740_08 Datasheet HTML 35Page - Active-Semi, Inc ACT8740_08 Datasheet HTML 36Page - Active-Semi, Inc ACT8740_08 Datasheet HTML 37Page - Active-Semi, Inc ACT8740_08 Datasheet HTML 38Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 40 page
background image
SINGLE-CELL Li+ BATTERY CHARGER (CHGR)
ACT8740
Rev PrB, 25-Feb-08
Innovative Products. Active Solutions.
- 34 -
www.active-semi.com
Copyright © 2008 Active-Semi, Inc.
ActivePMU
TM is a trademark of Active-Semi.
I
2CTM is a trademark of Philips Electronics.
REGISTER DESCRIPTIONS
Note: See Table 1 for default register settings.
Table 11:
Battery Charger (CHGR) Control Register Map
Table 12:
Battery Charger (CHGR) Control Register Bit Descriptions
ADDRESS
DATA
D7
D6
D5
D4
D3
D2
D1
D0
08h
ISET1
R
R
R
R
09h
TIMOSET
R
BATFLT
TIMOFLT
TEMPFLT
CHGSTAT
VINPOK
0Ah
LDOMODE
ISET2
R
R
R
R
0Bh
R
R
R
W/E
ICHGSET
CHGROK
SUSCHG
R
ADDRESS
NAME
BIT
ACCESS
FUNCTION
DESCRIPTION
08h
[3:0]
R
READ ONLY
08h
ISET1
[7:4]
R/W
ISET1 Charge Current
Selection
See Table 13
09h
VINPOK
[0]
R
Input Supply Power-OK
0
Input Power is not OK
1
Input Power is OK
09h
CHGSTAT
[1]
R
Charging Status
0
Not Charging
1
Charging
09h
TEMPFLT
[2]
R
Temperature Status
0
No Temperature Fault
1
Temperature Fault
09h
TIMOFLT
[3]
R
Timeout Fault
0
No Timeout Fault
1
Timeout Fault
BATFLT
[4]
R
Battery Removed Fault
0
Battery Not Removed
1
Battery Removed
09h
[5]
R
READ ONLY
09h
TIMOSET
[7:6]
R/W
Charge Timeout Select
00
60 mins
01
90 mins
10
120 mins
11
No Timeout
0Ah
[3:0]
R
READ ONLY
0Ah
ISET2
[6:4]
R/W
ISET2 Charger Current
Selection
See Table 14
09h
R: Read-Only bits. Default Values May Vary.
W/E: Write-Exact bits. Read/Write bits which must be written exactly as specified in Table 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com