Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ACT8796 Datasheet(PDF) 33 Page - Active-Semi, Inc

Part # ACT8796
Description  Six Channel Integrated Power Management IC for Handheld Portable Equipment
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8796 Datasheet(HTML) 33 Page - Active-Semi, Inc

Back Button ACT8796_08 Datasheet HTML 26Page - Active-Semi, Inc ACT8796_08 Datasheet HTML 27Page - Active-Semi, Inc ACT8796_08 Datasheet HTML 28Page - Active-Semi, Inc ACT8796_08 Datasheet HTML 29Page - Active-Semi, Inc ACT8796_08 Datasheet HTML 30Page - Active-Semi, Inc ACT8796_08 Datasheet HTML 31Page - Active-Semi, Inc ACT8796_08 Datasheet HTML 32Page - Active-Semi, Inc ACT8796_08 Datasheet HTML 33Page - Active-Semi, Inc ACT8796_08 Datasheet HTML 34Page - Active-Semi, Inc  
Zoom Inzoom in Zoom Outzoom out
 33 / 34 page
background image
LOW-DROPOUT LINEAR REGULATORS
ACT8796
Rev1, 10-Oct-08
Innovative Power
TM
- 33 -
www.active-semi.com
Copyright © 2008 Active-Semi, Inc.
ActivePMU
TM is a trademark of Active-Semi.
I
2CTM is a trademark of Philips Electronics.
PCB Layout Considerations
PCB Layout Considerations The ACT8796’s LDOs
provide good DC, AC, and noise performance over
a wide range of operating conditions, and are rela-
tively insensitive to layout considerations. When
designing a PCB, however, careful layout is neces-
sary to prevent other circuitry from degrading LDO
performance.
A good design places input and output capacitors
as close to the LDO inputs and output as possible,
and utilizes a star-ground configuration for all regu-
lators to prevent noise-coupling through ground.
Output traces should be routed to avoid close prox-
imity to noisy nodes, particularly the SW nodes of
the DC/DCs.
REFBP is a filtered reference noise, and internally
has a direct connection to the linear regulator con-
troller. Any noise injected onto REFBP will directly
affect the outputs of the linear regulators, and there-
fore special care should be taken to ensure that no
noise is injected to the outputs via REFBP. As with
the LDO output capacitors, the REFBP bypass ca-
pacitor should be placed as close to the IC as pos-
sible, with short, direct connections to the star-
ground. Avoid the use of via whenever possible.
Noisy nodes, such as from the DC/DCs, should be
routed as far away from REFBP as possible.
FUNCTIONAL DESCRIPTION (CONT’D)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com