Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ACT5830 Datasheet(PDF) 33 Page - Active-Semi, Inc

Part # ACT5830
Description  Twelve Channel PMU for Mobile Phones
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT5830 Datasheet(HTML) 33 Page - Active-Semi, Inc

Back Button ACT5830_08 Datasheet HTML 29Page - Active-Semi, Inc ACT5830_08 Datasheet HTML 30Page - Active-Semi, Inc ACT5830_08 Datasheet HTML 31Page - Active-Semi, Inc ACT5830_08 Datasheet HTML 32Page - Active-Semi, Inc ACT5830_08 Datasheet HTML 33Page - Active-Semi, Inc ACT5830_08 Datasheet HTML 34Page - Active-Semi, Inc ACT5830_08 Datasheet HTML 35Page - Active-Semi, Inc ACT5830_08 Datasheet HTML 36Page - Active-Semi, Inc ACT5830_08 Datasheet HTML 37Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 41 page
background image
SINGLE-CELL Li+ BATTERY CHARGER (CHGR)
ACT5830
Rev PrB, 05-Mar-08
Innovative Power
TM
- 33 -
www.active-semi.com
Copyright © 2008 Active-Semi, Inc.
ActivePMU
TM is a trademark of Active-Semi.
I
2CTM is a trademark of Philips Electronics.
ELECTRICAL CHARACTERISTICS
(VCHG_IN = 5V, VBAT = 3.6V, VSET[ ] = [0101], ISET[ ] = [0101], TA = 25°C, unless otherwise specified.)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
CHG_IN Operating Range
4.2
6
V
UVLO Threshold
CHG_IN Voltage Rising
3.75
4
4.25
V
UVLO Hysteresis
CHG_IN Voltage Falling
500
mV
Battery Termination Voltage
4.179
4.200
4.221
V
Line Regulation
VCHG_IN = 4.5V to 5.5V, IBAT = 10mA
0.2
%/V
PMOS On Resistance
0.3
0.5
Ω
Charge Current
VBAT = 3.8V
450
500
550
mA
VICHG Voltage
VVICHG /IBAT
2.3
mV/mA
Precondition Charge Current
VBAT = 2.8V
35
50
65
mA
Precondition Threshold Voltage
VBAT Voltage Rising
2.75
2.9
3.0
V
Precondition Threshold Hysteresis
VBAT Voltage Falling
150
mV
End-of-Charge Current Threshold
VBAT = 4.1V
50
mA
End-of-Charge Qualification Period
32
ms
Charge Restart Threshold
VSET[ ] - VBAT, VBAT Falling
200
mV
BATID High Input Voltage
VBATID Voltage Rising
2.5
V
BATID Low Input Voltage
VBATID Voltage Falling
2
V
BATID Leakage Current
VCHG_IN = 4.5V
1
µA
Thermal Regulation Threshold
105
°C
BAT Reserve Leakage Current
SLEEP, SUSPEND, or TIMER-FAULT
state
0.4
5
µA
VnENCHG > 1.4V
65
100
µA
SLEEP, SUSPEND, or TIMER-FAULT
state
200
500
µA
PRECONDITION, FAST-CHARGE, or
TOP-OFF state
0.8
1.2
mA
Precondition Timeout Period
TIMOSET[ ] = [00]
60
min
TIMOSET[ ] = [01]
No timer
TIMOSET[ ] = [10]
30
min
TIMOSET[ ] = [11]
45
min
Total Charging Timeout Period
TIMOSET[ ] = [00]
3.0
hr
TIMOSET[ ] = [01]
No timer
TIMOSET[ ] = [10]
1.5
hr
TIMOSET[ ] = [11]
2.2
hr
CHG_IN Supply Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com