Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ACT8810QJ3EB-T Datasheet(PDF) 49 Page - Active-Semi, Inc

Part # ACT8810QJ3EB-T
Description  Eight Channel ActivePathTM Power Management IC
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8810QJ3EB-T Datasheet(HTML) 49 Page - Active-Semi, Inc

Back Button ACT8810QJ3EB-T Datasheet HTML 44Page - Active-Semi, Inc ACT8810QJ3EB-T Datasheet HTML 45Page - Active-Semi, Inc ACT8810QJ3EB-T Datasheet HTML 46Page - Active-Semi, Inc ACT8810QJ3EB-T Datasheet HTML 47Page - Active-Semi, Inc ACT8810QJ3EB-T Datasheet HTML 48Page - Active-Semi, Inc ACT8810QJ3EB-T Datasheet HTML 49Page - Active-Semi, Inc ACT8810QJ3EB-T Datasheet HTML 50Page - Active-Semi, Inc ACT8810QJ3EB-T Datasheet HTML 51Page - Active-Semi, Inc ACT8810QJ3EB-T Datasheet HTML 52Page - Active-Semi, Inc  
Zoom Inzoom in Zoom Outzoom out
 49 / 52 page
background image
ActivePathTM CHARGER
ACT8810
Rev 4, 01-Oct-09
Active-Semi
Innovative PowerTM
- 49 -
www.active-semi.com
Copyright © 2009 Active-Semi, Inc.
ActivePMUTM and ActivePathTM are trademarks of Active-Semi.
I2CTM is a trademark of Philips Electronics.
Figure 15:
Charger State Diagram
Figure 14:
Typical Li+ charge profile and ACT8810 charge states
VSET
ISET
VPRECHARGE
12% ISET
A
B
C
D
A: PRECONDITION State
B: FAST-CHARGE State
C: TOP-OFF State
D: SLEEP State
STATE
E
B
RECHARGE
E: DISCHARGE State
Current
Voltage
SUSPEND
PRECONDITION
FAST-CHARGE
DELAY
SLEEP
ANY STATE
BATTERY REMOVED OR
VCHG_IN < VBAT + 120mV OR
VCHG_IN < UVLO
BATTERY REPLACED AND
VCHG_IN > VBAT + 120mV AND
VCHG_IN > UVLO
VBAT > 2.85V
VBAT = VTERM
VBAT < VTERM – 175mV
TIMEOUT-FAULT
T > TPRECONDITION AND
VBAT < 2.85V
TOP-OFF
IBAT < ITERM
IBAT > ITERM
T > TNORMAL AND
VBAT < VTERM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com