Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F2221 Datasheet(PDF) 181 Page - Microchip Technology

Part # PIC18F2221
Description  Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  402 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2221 Datasheet(HTML) 181 Page - Microchip Technology

Back Button PIC18F2221 Datasheet HTML 177Page - Microchip Technology PIC18F2221 Datasheet HTML 178Page - Microchip Technology PIC18F2221 Datasheet HTML 179Page - Microchip Technology PIC18F2221 Datasheet HTML 180Page - Microchip Technology PIC18F2221 Datasheet HTML 181Page - Microchip Technology PIC18F2221 Datasheet HTML 182Page - Microchip Technology PIC18F2221 Datasheet HTML 183Page - Microchip Technology PIC18F2221 Datasheet HTML 184Page - Microchip Technology PIC18F2221 Datasheet HTML 185Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 181 / 402 page
background image
© 2009 Microchip Technology Inc.
DS39689F-page 181
PIC18F2221/2321/4221/4321 FAMILY
18.4.2
OPERATION
The MSSP module functions are enabled by setting
MSSP Enable bit, SSPEN (SSPCON1<5>).
The SSPCON1 register allows control of the I2C
operation. Four mode selection bits (SSPCON1<3:0>)
allow one of the following I2C modes to be selected:
•I2C Master mode clock
•I2C Slave mode (7-bit address)
•I2C Slave mode (10-bit address)
•I2C Slave mode (7-bit address) with Start and
Stop bit interrupts enabled
•I2C Slave mode (10-bit address) with Start and
Stop bit interrupts enabled
•I2C Firmware Controlled Master mode, slave is Idle
Selection of any I2C mode with the SSPEN bit set,
forces the SCL and SDA pins to be open-drain,
provided these pins are programmed to inputs by
setting the appropriate TRISC bits. To ensure proper
operation of the module, pull-up resistors must be
provided externally to the SCL and SDA pins.
18.4.3
SLAVE MODE
In Slave mode, the SCL and SDA pins must be config-
ured as inputs (TRISC<4:3> set). The MSSP module
will override the input state with the output data when
required (slave-transmitter).
The I2C Slave mode hardware will always generate an
interrupt on an address match. Address masking will
allow the hardware to generate an interrupt for more
than one address (up to 31 in 7-Bit Addressing mode
and up to 63 in 10-Bit Addressing mode). Through the
mode select bits, the user can also choose to interrupt
on Start and Stop bits
When an address is matched, or the data transfer after
an address match is received, the hardware auto-
matically will generate the Acknowledge (ACK) pulse
and load the SSPBUF register with the received value
currently in the SSPSR register.
Any combination of the following conditions will cause
the MSSP module not to give this ACK pulse:
• The Buffer Full bit, BF (SSPSTAT<0>), was set
before the transfer was received.
• The overflow bit, SSPOV (SSPCON1<6>), was
set before the transfer was received.
In this case, the SSPSR register value is not loaded
into the SSPBUF, but bit SSPIF (PIR1<3>) is set. The
BF bit is cleared by reading the SSPBUF register, while
bit SSPOV is cleared through software.
The SCL clock input must have a minimum high and
low for proper operation. The high and low times of the
I2C specification, as well as the requirement of the
MSSP module, are shown in timing parameter 100 and
parameter 101.
18.4.3.1
Addressing
Once the MSSP module has been enabled, it waits for
a Start condition to occur. Following the Start condition,
the 8 bits are shifted into the SSPSR register. All incom-
ing bits are sampled with the rising edge of the clock
(SCL) line. The value of register SSPSR<7:1> is
compared to the value of the SSPADD register. The
address is compared on the falling edge of the eighth
clock (SCL) pulse. If the addresses match and the BF
and SSPOV bits are clear, the following events occur:
1.
The SSPSR register value is loaded into the
SSPBUF register.
2.
The Buffer Full bit, BF, is set.
3.
An ACK pulse is generated.
4.
MSSP Interrupt Flag bit, SSPIF (PIR1<3>), is
set (interrupt is generated, if enabled) on the
falling edge of the ninth SCL pulse.
In 10-Bit Addressing mode, two address bytes need to
be received by the slave. The five Most Significant bits
(MSbs) of the first address byte specify if this is a 10-bit
address. Bit R/W (SSPSTAT<2>) must specify a write so
the slave device will receive the second address byte.
For a 10-bit address, the first byte would equal ‘11110
A9 A8 0’, where ‘A9’ and ‘A8’ are the two MSbs of the
address. The sequence of events for 10-bit address is as
follows, with steps 7 through 9 for the slave-transmitter:
1.
Receive first (high) byte of address (bits SSPIF,
BF and UA (SSPSTAT<1>) are set).
2.
Update the SSPADD register with second (low)
byte of address (clears bit UA and releases the
SCL line).
3.
Read the SSPBUF register (clears bit BF) and
clear flag bit, SSPIF.
4.
Receive second (low) byte of address (bits
SSPIF, BF and UA are set).
5.
Update the SSPADD register with the first (high)
byte of address. If match releases SCL line, this
will clear bit UA.
6.
Read the SSPBUF register (clears bit BF) and
clear flag bit, SSPIF.
7.
Receive Repeated Start condition.
8.
Receive first (high) byte of address (bits SSPIF
and BF are set).
9.
Read the SSPBUF register (clears bit BF) and
clear flag bit, SSPIF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com