Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AP3154 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP3154
Description  120mA HIGH EFFICIENCY WHITE LED DRIVER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3154 Datasheet(HTML) 1 Page - Diodes Incorporated

  AP3154 Datasheet HTML 1Page - Diodes Incorporated AP3154 Datasheet HTML 2Page - Diodes Incorporated AP3154 Datasheet HTML 3Page - Diodes Incorporated AP3154 Datasheet HTML 4Page - Diodes Incorporated AP3154 Datasheet HTML 5Page - Diodes Incorporated AP3154 Datasheet HTML 6Page - Diodes Incorporated AP3154 Datasheet HTML 7Page - Diodes Incorporated AP3154 Datasheet HTML 8Page - Diodes Incorporated AP3154 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
AP3154
120mA HIGH EFFICIENCY WHITE LED DRIVER
AP3154 Rev. 2
1 of 13
FEBRUARY 2009
www.diodes.com
© Diodes Incorporated
•
Up to 88% Max power efficiency
•
Wide input voltage range: 2.7V ~ 5.5V
•
1x, 1.5x, and 2x charge-pump modes
•
Drive up to 4 white LEDs
•
Default maximum current setting: 30mA each channel
•
120mA maximum output current through 4 channels
•
Programmable switching frequency, default 1.2MHz
•
Spread Spectrum Control with 10% frequency deviation
•
1-wire Serial Digital Interface (SDI) or PWM for dimming
control
•
Soft-start during power-up and mode switching
•
Soft-stop during shutdown
•
Short-circuit protection
•
Over-voltage protection and under-voltage lockout
•
Low shutdown current < 6
µA
•
Industry-leading low profile package
•
DFN3030-12: Available in “Green” Molding Compound
(No Br, Sb)
•
Lead Free Finish / RoHS Compliant (Note 1)
The AP3154 is a high efficiency charge-pump white LED driver
with 1x, 1.5x, 2x operating modes. The AP3154 operates on
power supplies from 2.7v to 5.5v.
It drives up to four channels of
white LEDs while the intensity of each channel is configured by
varying the respective current levels. Each channel can supply up
to 30mA current. Up to four channels can be ganged together to
provide maximum load current of 120mA.
The Serial Digital Interface (SDI) provides the capability to
configure the current for each LED channel. Some other key
features, such as Up Spread Spectrum Control, different
charge-pump switching frequencies (0.6MHz/1.2MHz/1.8MHz),
and PWM dimming control, can also be programmed through the
interface.
The AP3154 has a built-in soft-start circuit to minimize the inrush
current during power-up and mode switching. Various protections
such as short-circuit, over-voltage, under-voltage, and thermal
shutdown are integrated to ensure system reliability. The
quiescent current of AP3154 during shutdown is less than 6
µA.
•
Mobile Phone
•
PDA (Personal Digital Assistant)
•
White LED Backlighting
•
Camera Flash LED Lighting
•
LCD Modules
•
Portable Devices
Ordering Information
Package
F : DFN3030-12
AP 3154 F G - 7
Packing
7 : Tape & Reel
Green
G : Green
Device
Package Code
Packaging
(Note 2)
7” Tape and Reel
Quantity
Part Number Suffix
AP3154FG-7
F
DFN3030-12
3000/Tape & Reel
-7
Notes:
1. EU Directive 2002/95/EC (RoHS). All applicable RoHS exemptions applied. Please visit our website at
http://www.diodes.com/products/lead_free.html.
2. Pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on our website at
http://www.diodes.com/datasheets/ap02001.pdf
Features
General Description
Applications


Similar Part No. - AP3154

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP3154A DIODES-AP3154A Datasheet
189Kb / 2P
Small LCD screen backlighting charge pump LED drivers
AP3154AFG-7 DIODES-AP3154AFG-7 Datasheet
189Kb / 2P
Small LCD screen backlighting charge pump LED drivers
AP3154AFG-7 DIODES-AP3154AFG-7 Datasheet
1Mb / 14P
120mA HIGH EFFICIENCY WHITE LED DRIVER
Rev 1
AP3154A DIODES-AP3154A_15 Datasheet
1Mb / 14P
120mA HIGH EFFICIENCY WHITE LED DRIVER
Rev 1
More results

Similar Description - AP3154

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MP1521_R2.7W ETC-MP1521_R2.7W Datasheet
171Kb / 2P
High Efficiency White LED Driver
logo
New Japan Radio
NJU6050 NJRC-NJU6050 Datasheet
108Kb / 8P
High Efficiency White LED Driver
NJU6048 NJRC-NJU6048 Datasheet
163Kb / 13P
High Efficiency White LED Driver
logo
ON Semiconductor
NCP5604A ONSEMI-NCP5604A Datasheet
359Kb / 15P
High Efficiency White LED Driver
March, 2006 ??Rev. 0
logo
Monolithic Power System...
MP1521 MPS-MP1521 Datasheet
170Kb / 8P
High Efficiency White LED Driver
logo
Diodes Incorporated
AP3152 DIODES-AP3152 Datasheet
581Kb / 11P
120mA HIGH EFFICIENCY WHITE LED DRIVER
AP3152 Rev. 1
logo
ON Semiconductor
NCP5680 ONSEMI-NCP5680 Datasheet
985Kb / 27P
High Efficiency White LED Driver
May, 2009 ??Rev. 0
logo
Diodes Incorporated
AP3152FG-7 DIODES-AP3152FG-7 Datasheet
601Kb / 13P
120mA HIGH EFFICIENCY WHITE LED DRIVER
Rev 3
logo
Texas Instruments
LM3530 TI1-LM3530 Datasheet
7Mb / 50P
High-Efficiency White-LED Driver
logo
Diodes Incorporated
AP3154A DIODES-AP3154A_15 Datasheet
1Mb / 14P
120mA HIGH EFFICIENCY WHITE LED DRIVER
Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com