Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SSF4703 Datasheet(PDF) 2 Page - Silikron Semiconductor Co.,LTD.

Part # SSF4703
Description  DC-DC conversion applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILIKRON [Silikron Semiconductor Co.,LTD.]
Direct Link  http://www.silikron.com
Logo SILIKRON - Silikron Semiconductor Co.,LTD.

SSF4703 Datasheet(HTML) 2 Page - Silikron Semiconductor Co.,LTD.

  SSF4703 Datasheet HTML 1Page - Silikron Semiconductor Co.,LTD. SSF4703 Datasheet HTML 2Page - Silikron Semiconductor Co.,LTD. SSF4703 Datasheet HTML 3Page - Silikron Semiconductor Co.,LTD. SSF4703 Datasheet HTML 4Page - Silikron Semiconductor Co.,LTD. SSF4703 Datasheet HTML 5Page - Silikron Semiconductor Co.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SSF4703
©Silikron Semiconductor CO.,LTD.
2
http://www.silikron.com
v1.2
Schottky
Thermal Resistance, Junction-to-Ambient (Note 2)
RθJA
80
/W
℃
ELECTRICAL CHARACTERISTICS (TA=25℃unless otherwise noted)
Parameter
Symbol
Condition
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
VGS=0V ID=-250μA
-20
V
Zero Gate Voltage Drain Current
IDSS
VDS=-16V,VGS=0V
-1
μA
Gate-Body Leakage Current
IGSS
VGS=±8V,VDS=0V
±100
nA
ON CHARACTERISTICS (Note 3)
Gate Threshold Voltage
VGS(th)
VDS=VGS,ID=-250μA
-0.45
-0.7
-1
V
VGS=-4.5V, ID=-3.4A
73
90
VGS=-2.5V, ID=-2.5A
99
120
Static Drain-Source On-Resistance
RDS(ON)
VGS=-1.8V, ID=-1.5A
133
160
mΩ
Forward Transconductance
gFS
VDS=-5V,ID=-3.4A
4
7
S
DYNAMIC CHARACTERISTICS (Note4)
Input Capacitance
Clss
540
PF
Output Capacitance
Coss
70
PF
Reverse Transfer Capacitance
Crss
VDS=-10V,VGS=0V,
F=1.0MHz
50
PF
SWITCHING CHARACTERISTICS (Note 4)
Turn-on Delay Time
td(on)
10
nS
Turn-on Rise Time
tr
12
nS
Turn-Off Delay Time
td(off)
44
nS
Turn-Off Fall Time
tf
VDD=-10V,ID=-3.4A
VGS=-4.5V,RGEN=3Ω
22
nS
Total Gate Charge
Qg
6.1
nC
Gate-Source Charge
Qgs
0.6
nC
Gate-Drain Charge
Qgd
VDS=-10V,ID=-3.4A,VGS=-4.5V
1.6
nC
DRAIN-SOURCE DIODE CHARACTERISTICS
Diode Forward Voltage (Note 3)
VSD
VGS=0V,IS=-1A
-0.83
-1
V
Diode Forward Current (Note 2)
IS
-2
A
SCHOTTKY PARAMETERS
Forward Voltage Drop
VF
IF=0.5A
0.39
0.5
V
Maximum reverse leakage current
Irm
VR=16V
0.1
mA
Junction Capacitance
CT
VR=10V
34
pF
Schottky Reverse Recovery Time
trr
IF=1A, dI/dt=100A/μs
5.2
10
ns
Schottky Reverse Recovery Charge
Qrr
IF=1A, dI/dt=100A/μs
0.8
nC



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com