Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MFRC52201HN1/TRAYB Datasheet(PDF) 1 Page - NXP Semiconductors

Part # MFRC52201HN1/TRAYB
Description  Contactless reader IC
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFRC52201HN1/TRAYB Datasheet(HTML) 1 Page - NXP Semiconductors

  MFRC52201HN1/TRAYB Datasheet HTML 1Page - NXP Semiconductors MFRC52201HN1/TRAYB Datasheet HTML 2Page - NXP Semiconductors MFRC52201HN1/TRAYB Datasheet HTML 3Page - NXP Semiconductors MFRC52201HN1/TRAYB Datasheet HTML 4Page - NXP Semiconductors MFRC52201HN1/TRAYB Datasheet HTML 5Page - NXP Semiconductors MFRC52201HN1/TRAYB Datasheet HTML 6Page - NXP Semiconductors MFRC52201HN1/TRAYB Datasheet HTML 7Page - NXP Semiconductors MFRC52201HN1/TRAYB Datasheet HTML 8Page - NXP Semiconductors MFRC52201HN1/TRAYB Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 96 page
background image
1.
Introduction
This document describes the functionality and electrical specifications of the contactless
reader/writer MFRC522.
2.
General description
The MFRC522 is a highly integrated reader/writer IC for contactless communication
at 13.56 MHz. The MFRC522 reader supports ISO/IEC 14443 A/MIFARE mode.
The MFRC522’s internal transmitter is able to drive a reader/writer antenna designed to
communicate with ISO/IEC 14443 A/MIFARE cards and transponders without additional
active circuitry. The receiver module provides a robust and efficient implementation for
demodulating and decoding signals from ISO/IEC 14443 A/MIFARE compatible cards and
transponders. The digital module manages the complete ISO/IEC 14443 A framing and
error detection (parity and CRC) functionality.
The MFRC522 supports MF1xxS20, MF1xxS70 and MF1xxS50 products. The MFRC522
supports contactless communication and uses MIFARE higher transfer speeds up to
848 kBd in both directions.
The following host interfaces are provided:
• Serial Peripheral Interface (SPI)
• Serial UART (similar to RS232 with voltage levels dependant on pin voltage supply)
• I2C-bus interface
3.
Features
I Highly integrated analog circuitry to demodulate and decode responses
I Buffered output drivers for connecting an antenna with the minimum number of
external components
I Supports ISO/IEC 14443 A/MIFARE
I Typical operating distance in Read/Write mode up to 50 mm depending on the
antenna size and tuning
I Supports MF1xxS20, MF1xxS70 and MF1xxS50 encryption in Read/Write mode
I Supports ISO/IEC 14443 A higher transfer speed communication up to 848 kBd
I Supports MFIN/MFOUT
I Additional internal power supply to the smart card IC connected via MFIN/MFOUT
I Supported host interfaces
MFRC522
Contactless reader IC
Rev. 3.3 — 26 October 2009
112133
Product data sheet
PUBLIC


Similar Part No. - MFRC52201HN1/TRAYB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MFRC52201HN1/TRAYB NXP-MFRC52201HN1/TRAYB Datasheet
760Kb / 96P
Contactless reader IC
Rev. 3.4-5 March 2010
MFRC52201HN1/TRAYBM NXP-MFRC52201HN1/TRAYBM Datasheet
760Kb / 96P
Contactless reader IC
Rev. 3.4-5 March 2010
More results

Similar Description - MFRC52201HN1/TRAYB

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST16-19RFRDCS010 STMICROELECTRONICS-ST16-19RFRDCS010 Datasheet
14Kb / 2P
CONTACTLESS READER CHIP SET
Jan-2001
STRF0000 STMICROELECTRONICS-STRF0000 Datasheet
19Kb / 2P
CONTACTLESS READER CHIP SET
Oct-1999
STRF2163 STMICROELECTRONICS-STRF2163 Datasheet
21Kb / 2P
CONTACTLESS READER CHIP SET
Oct-1999
logo
NXP Semiconductors
CLRC632 PHILIPS-CLRC632 Datasheet
900Kb / 163P
Multiple Protocol Contactless Reader IC
May 2003
MFRC522 NXP-MFRC522 Datasheet
2Mb / 109P
Contactless Reader IC
Rev. 3.2-22 May 2007
CLRD701 PHILIPS-CLRD701 Datasheet
192Kb / 16P
PEGODA Contactless Smart Card Reader
November 2004
MFRC522 NXP-MFRC522_10 Datasheet
760Kb / 96P
Contactless reader IC
Rev. 3.4-5 March 2010
MFRC523 NXP-MFRC523 Datasheet
776Kb / 98P
Contactless reader IC
Rev. 3.3-5 March 2010
CLRC663 NXP-CLRC663 Datasheet
1Mb / 132P
Contactless reader IC
Rev. 3.3-3 April 2012
MFRC630 NXP-MFRC630 Datasheet
1Mb / 118P
Contactless reader IC
Rev. 3.1-6 September 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com