Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC5668X Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # MPC5668X
Description  MPC5668x Microcontroller Data Sheet
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5668X Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  MPC5668X Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC5668X Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC5668X Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC5668X Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC5668X Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC5668X Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC5668X Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC5668X Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC5668X Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 66 page
background image
MPC5668x Microcontroller Data Sheet, Rev. 3
Preliminary—Subject to Change Without Notice
MPC5668x Block Diagrams
Freescale Semiconductor
4
2
MPC5668x Block Diagrams
Figure 1 shows a top-level block diagram of the MPC5668G device.
Figure 1. MPC5668G Block Diagram
ADC
– Analog to Digital Converter
BAM
– Boot Assist Module
DSPI
– Serial Peripherals Interface
ECC
– Error Correction Code
ECSM
– Error Correction Status Module
eMIOS
– Timed Input Output
eDMA
– Enhanced Direct Memory Access controller
eSCI
– Serial Communications Interface
FEC
– Fast Ethernet Controller
FlexCAN
– Controller Area Network controller
FlexRay™ – FlexRay Bus Controller
FMPLL
– Frequency Modulated Phase Locked Loop
4–40 MHz
SPP Crossbar Switch (XBAR)
FMPLL
e200z650 Core
32K Cache
16ChDMA
16 MHz
FPU/SPE
VLE
MMU(32TLB)
LEGEND
e200z0 Core
VLE
MASTERS
Mux
Flash
(ECC)
SRAM
(ECC)
512 KB
2 MB
AIPS(0) Bridge B
6 x eSCI
36 x ADC
2 x I2C
2 x DSPI
24 x eMIOS
6 x FlexCAN
JTAG
NDI
Nexus3(Z6)
DEBUG
NDI
Nexus2+(Z0)
AIPS(1) Bridge A
2 x I2C
2 x DSPI
VREG
4/8 Way
FEC
MLB-DIM
FlexRay
Controller
IRC
XTAL
MPC5668G
Standby RAM
SRAM
(ECC)
80 KB
I2C
– Inter IC Controller
INTC
– Interrupt Controller
JTAG
– Joint Test Action Group interface
MLB-DIM – Media Local Bus Device Interface Module
NDI
– Nexus Debug Interface
PIT
– Periodic Interrupt Timer
RTC
– Real Time Clock
SIU
– System Integration
STM
– System Timer Module
SWT
– Software Watchdog Timer
VREG
– Voltage Regulator
128 kHz
IRC
32 kHz
XTAL
SWT
INTC
SIU
PIT
BAM
RTC/API
STM
ECSM
ECSM
ECSM
Semaphores



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com