Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC8377E Datasheet(PDF) 88 Page - Freescale Semiconductor, Inc

Part # MPC8377E
Description  PowerQUICC??II Pro Processor Hardware Specifications
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8377E Datasheet(HTML) 88 Page - Freescale Semiconductor, Inc

Back Button MPC8377E Datasheet HTML 84Page - Freescale Semiconductor, Inc MPC8377E Datasheet HTML 85Page - Freescale Semiconductor, Inc MPC8377E Datasheet HTML 86Page - Freescale Semiconductor, Inc MPC8377E Datasheet HTML 87Page - Freescale Semiconductor, Inc MPC8377E Datasheet HTML 88Page - Freescale Semiconductor, Inc MPC8377E Datasheet HTML 89Page - Freescale Semiconductor, Inc MPC8377E Datasheet HTML 90Page - Freescale Semiconductor, Inc MPC8377E Datasheet HTML 91Page - Freescale Semiconductor, Inc MPC8377E Datasheet HTML 92Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 124 page
background image
MPC8377E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 2
88
Freescale Semiconductor
Package and Pin Listings
PCI_CLK/PCI_SYNC_IN
C10
I
OVDD
—
PCI_SYNC_OUT
N24
O
OVDD
3
PCI_CLK0
L24
O
OVDD
—
PCI_CLK1
M24
O
OVDD
—
PCI_CLK2
M25
O
OVDD
—
PCI_CLK3
M26
O
OVDD
—
PCI_CLK4
L26
O
OVDD
—
RTC/PIT_CLOCK
AF11
I
OVDD
—
DDR SDRAM Memory Interface
MA0
U3
O
GVDD
—
MA1
U1
O
GVDD
—
MA2
T5
O
GVDD
—
MA3
T3
O
GVDD
—
MA4
T2
O
GVDD
—
MA5
T1
O
GVDD
—
MA6
R1
O
GVDD
—
MA7
P2
O
GVDD
—
MA8
P1
O
GVDD
—
MA9
N4
O
GVDD
—
MA10
V3
O
GVDD
—
MA11
M5
O
GVDD
—
MA12
N1
O
GVDD
—
MA13
M2
O
GVDD
—
MA14
M1
O
GVDD
—
MBA0
U5
O
GVDD
—
MBA1
U4
O
GVDD
—
MBA2
M3
O
GVDD
—
MCAS_B
W5
O
GVDD
—
MCK_B0
H1
O
GVDD
—
MCK_B1
K1
O
GVDD
—
MCK_B2
V1
O
GVDD
—
MCK_B3
W2
O
GVDD
—
Table 71. TePBGA II Pinout Listing (continued)
Signal
Package Pin Number
Pin Type
Power Supply
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com