Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC8378E Datasheet(PDF) 28 Page - Freescale Semiconductor, Inc

Part # MPC8378E
Description  PowerQUICC??II Pro Processor Hardware Specifications
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8378E Datasheet(HTML) 28 Page - Freescale Semiconductor, Inc

Back Button MPC8378E Datasheet HTML 24Page - Freescale Semiconductor, Inc MPC8378E Datasheet HTML 25Page - Freescale Semiconductor, Inc MPC8378E Datasheet HTML 26Page - Freescale Semiconductor, Inc MPC8378E Datasheet HTML 27Page - Freescale Semiconductor, Inc MPC8378E Datasheet HTML 28Page - Freescale Semiconductor, Inc MPC8378E Datasheet HTML 29Page - Freescale Semiconductor, Inc MPC8378E Datasheet HTML 30Page - Freescale Semiconductor, Inc MPC8378E Datasheet HTML 31Page - Freescale Semiconductor, Inc MPC8378E Datasheet HTML 32Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 126 page
background image
MPC8378E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 2
28
Freescale Semiconductor
Ethernet: Enhanced Three-Speed Ethernet (eTSEC)
8.3.1.1
SGMII Transmit AC Timing Specifications
Table 27 provides the SGMII transmit AC timing targets. Source synchronous clocking is not supported.
8.3.1.2
SGMII Receive AC Timing Specifications
Table 28 provides the SGMII receive AC timing specifications. Source synchronous clocking is not
supported; the clock is recovered from the data.
Table 27. SGMII Transmit AC Timing Specifications
At recommended operating conditions with XVDD_SRDS = 1.0 V ± 5%.
Parameter
Symbol
Min
Typical
Max
Unit
Notes
Deterministic Jitter
JD
—
—
0.17
UIp-p
—
Total Jitter
JT
—
—
0.35
UIp-p
—
Unit Interval
UI
799.92
800
800.08
ps
1
VOD fall time (80%-20%)
tfall
50
—
120
ps
—
VOD rise time (20%-80%)
trise
50
—
120
ps
—
Notes:
1 Each UI is 800 ps ± 100 ppm.
Table 28. SGMII Receive AC Timing Specifications
At recommended operating conditions with XVDD_SRDS = 1.0 V ± 5%.
Parameter
Symbol
Min
Typical
Max
Unit
Notes
Deterministic jitter tolerance
JD
0.37
—
—
UIp-p
1
Combined deterministic and random jitter tolerance
JDR
0.55
—
—
UIp-p
1
Sinusoidal jitter tolerance
JSIN
0.1
—
—
UIp-p
1
Total jitter tolerance
JT
0.65
—
—
UIp-p
1
Bit error ratio
BER
—
—
10-12
——
Unit interval
UI
799.92
800
800.08
ps
2
AC-coupling capacitor
CTX
5
—
200
nF
3
Note:
1 Measured at the receiver.
2 Each UI is 800 ps ± 100 ppm.
3 The external AC coupling capacitor is required. It’s recommended to be placed near the device transmitter outputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com