Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC8379ECVRALGA Datasheet(PDF) 78 Page - Freescale Semiconductor, Inc

Part # MPC8379ECVRALGA
Description  PowerQUICC??II Pro Processor Hardware Specifications
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8379ECVRALGA Datasheet(HTML) 78 Page - Freescale Semiconductor, Inc

Back Button MPC8379ECVRALGA Datasheet HTML 74Page - Freescale Semiconductor, Inc MPC8379ECVRALGA Datasheet HTML 75Page - Freescale Semiconductor, Inc MPC8379ECVRALGA Datasheet HTML 76Page - Freescale Semiconductor, Inc MPC8379ECVRALGA Datasheet HTML 77Page - Freescale Semiconductor, Inc MPC8379ECVRALGA Datasheet HTML 78Page - Freescale Semiconductor, Inc MPC8379ECVRALGA Datasheet HTML 79Page - Freescale Semiconductor, Inc MPC8379ECVRALGA Datasheet HTML 80Page - Freescale Semiconductor, Inc MPC8379ECVRALGA Datasheet HTML 81Page - Freescale Semiconductor, Inc MPC8379ECVRALGA Datasheet HTML 82Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 114 page
background image
MPC8379E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 2
78
Freescale Semiconductor
Package and Pin Listings
Figure 60 shows the mechanical dimensions and bottom surface nomenclature of the TEPBGA II package.
Figure 60. Mechanical Dimensions and Bottom Surface Nomenclature of the TEPBGA II
Note:
1 All dimensions are in millimeters.
2 Dimensioning and tolerancing per ASME Y14. 5M-1994.
3 Maximum solder ball diameter measured parallel to Datum A.
4 Datum A, the seating plane, is determined by the spherical crowns of the solder balls.
5 Parallelism measurement should exclude any effect of mark on top surface of package.
21.2
Pinout Listings
Table 68 provides the pin-out listing for the TePBGA II package.
Table 68. TePBGA II Pinout Listing
Signal
Package Pin Number
Pin Type
Power Supply
Notes
Clock Signals
CLKIN
K24
I
OVDD
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com