Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPL115A1 Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # MPL115A1
Description  Miniature SPI Digital Barometer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPL115A1 Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  MPL115A1 Datasheet HTML 1Page - Freescale Semiconductor, Inc MPL115A1 Datasheet HTML 2Page - Freescale Semiconductor, Inc MPL115A1 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPL115A1 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPL115A1 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPL115A1 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPL115A1 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPL115A1 Datasheet HTML 8Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MPL115A1
Sensors
Freescale Semiconductor
5
Pressure
Solder Recommendations
1.
Use SAC solder alloy (i.e., Sn-Ag-Cu) with a melting point of about 217°C. It is recommended to use SAC305
(i.e., Sn-3.0 wt.% Ag-0.5 wt.% Cu).
2.
Reflow
• Ramp up rate: 2 to 3 C/s.
• Preheat flat (soak): 110 to 130s.
• Reflow peak temperature: 250°C to 260°C (depends on exact SAC alloy composition).
• Time above 217°C: 40 to 90s (depends on board type, thermal mass of the board/quantities in the reflow).
• Ramp down: 5 to 6 C/s.
• Using an inert reflow environment (with O2 level about 5 to 15 ppm).
NOTE: The stress level and signal offset of the device also depends on the board type, board core material, board thickness
and metal finishing of the board.
Handling Recommendations
It is recommended to handle the MPL115A Pressure Sensor with a vacuum pick and place tool. Sharp objects utilized to move
the MPL115A Pressure Sensor increase the possibility of damage via a foreign object/tool into the small exposed port.
The sensor die is sensitive to light exposure. Direct light exposure through the port hole can lead to varied accuracy of pressure
measurement. Avoid such exposure to the port during normal operation.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com