Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC5643LF0MLQ1R Datasheet(PDF) 38 Page - Freescale Semiconductor, Inc

Part # MPC5643LF0MLQ1R
Description  MPC5643L Microcontroller Data Sheet
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5643LF0MLQ1R Datasheet(HTML) 38 Page - Freescale Semiconductor, Inc

Back Button MPC5643LF0MLQ1R Datasheet HTML 34Page - Freescale Semiconductor, Inc MPC5643LF0MLQ1R Datasheet HTML 35Page - Freescale Semiconductor, Inc MPC5643LF0MLQ1R Datasheet HTML 36Page - Freescale Semiconductor, Inc MPC5643LF0MLQ1R Datasheet HTML 37Page - Freescale Semiconductor, Inc MPC5643LF0MLQ1R Datasheet HTML 38Page - Freescale Semiconductor, Inc MPC5643LF0MLQ1R Datasheet HTML 39Page - Freescale Semiconductor, Inc MPC5643LF0MLQ1R Datasheet HTML 40Page - Freescale Semiconductor, Inc MPC5643LF0MLQ1R Datasheet HTML 41Page - Freescale Semiconductor, Inc MPC5643LF0MLQ1R Datasheet HTML 42Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 98 page
background image
MPC5643L Microcontroller Data Sheet, Rev. 3
Preliminary—Subject to Change Without Notice
Package pinouts and signal descriptions
Freescale Semiconductor
38
2.2.2
Power supply and reference voltage pins
Table 5 lists the power supply and reference voltage for this device.
U8
B[12] / siul_GPIO[28]
U9
VDD_HV_ADV
U10
VSS_HV_ADV
U11
E[11] / siul_GPIO[75]
U12
NC1
U13
NC1
U14
VDD_HV_PMU
U15
G[11] / siul_GPIO[107] / flexray_DBG3 / flexpwm0_FAULT[3]
U16
VSS_HV_IO_RING
U17
VSS_HV_IO_RING
NOTES:
1 Not connected.
2 V
PP_TEST should always be tied to ground (VSS) for normal operations.
3 Ball not populated on substrate.
Table 5. Supply pins
Supply
Package
Symbol
Description
144
LQFP
257
MAPBGA
VREG control and power supply pins
BCTRL
Voltage regulator external NPN Ballast base control pin
69
R13
VDD_LV_COR
Voltage regulator supply voltage
70
VDD_LV1
VSS_LV_COR
Core regulator ground
71
VSS_LV2
VDD_HV_PMU
Core regulator supply
72
U14
ADC0/ADC1 reference voltage and ADC supply
VDD_HV_ADR0 ADC0 high reference voltage
50
R7
VSS_HV_ADR0 ADC0 low reference voltage
51
T7
VDD_HV_ADR1 ADC1 high reference voltage
56
R9
VSS_HV_ADR1 ADC1 low reference voltage
57
T9
VDD_HV_ADV
ADC voltage supply for ADC0 and ADC1
58
U9
VSS_HV_ADV
ADC ground for ADC0 and ADC1
59
U10
Power Supply pins (3.3 V)
VDD_HV_IO
3.3 V Input/Output supply voltage
6
VDD_HV3
Table 4. 257 MAPBGA concatenated ball names (continued)
Ball No.
Concatenated Pin Names



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com