| Electronic Components Datasheet Search |
|
MPC5643LF0MMM1R Datasheet(PDF) 57 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC5643LF0MMM1R Datasheet(HTML) 57 Page - Freescale Semiconductor, Inc |
|
57 / 98 page ![]() I[2] PCR[130] ALT0 ALT1 ALT2 ALT3 SIU Lite eTimer2 DSPI0 — GPIO[130] ETC[2] CS6 — I/O I/O O — FlexPWM1 Fault[2 — F16 I[3] PCR[131] ALT0 ALT1 ALT2 ALT3 SIU Lite eTimer2 DSPI0 CTU0 GPIO[131] ETC[3] CS7 EXT. TGR I/O I/O O O FlexPWM1 Fault[3] — E17 NOTES: 1 Programmable via the SRC (Slew Rate Control) bit in the respective Pad Configuration Register. S = Slow, M = Medium, F = Fast, SYM = Symmetric (FlexRay). 2 ALT0 is the primary (default) function for each port after reset. 3 Alternate functions are chosen by setting the values of the PCR[PA] bitfields inside the SIU module. – PCR[PA] = 00 → ALT0 – PCR[PA] = 01 → ALT1 – PCR[PA] = 10 → ALT2 – PCR[PA] = 11 → ALT3 This bitfield selects the output and input/output functions. To use one of the input-only functions, the PCR[IBE] bit must be written to ‘1’, regardless of the value of PCR[PA]. For this reason, the value corresponding to an input-only function is reported as “—”. 4 Alternate input functions are chosen by setting the values of the PCR[IBE] bit in the SIU module. – PCR[IBE] = 0 → Input/out alternate functions (default) – PCR[IBE] = 1 → Input-only alternate functions To use one of the input-only functions, the PCR[IBE] bit must be written to ‘1’, regardless of the value of PCR[PA]. For this reason, the value corresponding to an input-only function is reported as “—”. 5 Module included on the device. 6 The default function of this pin out of reset is ALT1 (TDO). 7 Input-only. Pad speed does not apply. Table 7. Pin muxing (continued) Port Pin PCR Register Functions Pad Speed1 Pin Alternate Function2,3 IBE = 04 IBE = 1 (always inputs) Peripheral5 Function I/O Direction Peripheral Functions SRC =0 SRC =1 144- pin 257- ball Because of an order from the United States International Trade Commission, BGA-packaged product lines and part numbers indicated here currently are not available from Freescale for import or sale in the United States prior to September 2010: MPC5643L products in 257 MAPBGA packages |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |