Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC8377ECVRAGFA Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # MPC8377ECVRAGFA
Description  PowerQUICC??II Pro Processor Hardware Specifications
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8377ECVRAGFA Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button MPC8377ECVRAGFA Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC8377ECVRAGFA Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8377ECVRAGFA Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC8377ECVRAGFA Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC8377ECVRAGFA Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC8377ECVRAGFA Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC8377ECVRAGFA Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC8377ECVRAGFA Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC8377ECVRAGFA Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 124 page
background image
MPC8377E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 2
Freescale Semiconductor
11
Power Characteristics
Please note that the SerDes power supply (L[1,2]_nVDD) should follow the same timing as the core supply
(VDD).
The opposite sequence applies to the power down requirements. The I/O supplies must go down first and
immediately followed by the core and PLL supplies.
3
Power Characteristics
The estimated typical power dissipation for the MPC8377E device is shown in Table 5.
Table 5. MPC8377E Power Dissipation 1
Core Frequency
(MHz)
CSB/DDR Frequency
(MHz)
Sleep Power
at Tj =65°C (W)
2
Typical Application
at Tj =65°C (W)
2
Typical Application
at Tj =125°C (W)
3
Max Application
at Tj =125°C (W)
4
333
333
1.45
1.9
3.2
3.8
167
1.45
1.8
3.0
3.6
400
400
1.45
2.0
3.3
4.0
266
1.45
1.9
3.1
3.8
450
300
1.45
2.0
3.2
3.8
225
1.45
1.9
3.1
3.7
500
333
1.45
2.0
3.3
3.9
250
1.45
1.9
3.2
3.8
533
355
1.45
2.0
3.3
4.0
266
1.45
2.0
3.2
3.9
600
400
1.45
2.1
3.4
4.1
300
1.45
2.0
3.3
4.0
667
333
1.45
2.1
3.3
4.1
266
1.45
2.0
3.3
3.9
800
400
1.45
2.5
3.8
4.3
Note:
1 The values do not include I/O supply power (OV
DD, LVDD, GVDD) or AVDD. For I/O power values, see Table 6.
2 Typical power is based on a voltage of V
DD = 1.0 V for core frequences ≤ 667 MHz or VDD = 1.05 V for core frequences of
800 MHz, and running a Dhrystone benchmark application.
3 Typical power is based on a voltage of V
DD = 1.0 V for core frequences ≤ 667 MHz or VDD = 1.05 V for core frequences of
800 MHz, and running a Dhrystone benchmark application.
4 Maximum power is based on a voltage of V
DD = 1.0 V for core frequences ≤ 667 MHz or VDD = 1.05 V for core frequences of
800 MHz, worst case process, and running an artificial smoke test.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com