Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC8533ECVTALGB Datasheet(PDF) 24 Page - Freescale Semiconductor, Inc

Part # MPC8533ECVTALGB
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8533ECVTALGB Datasheet(HTML) 24 Page - Freescale Semiconductor, Inc

Back Button MPC8533ECVTALGB Datasheet HTML 20Page - Freescale Semiconductor, Inc MPC8533ECVTALGB Datasheet HTML 21Page - Freescale Semiconductor, Inc MPC8533ECVTALGB Datasheet HTML 22Page - Freescale Semiconductor, Inc MPC8533ECVTALGB Datasheet HTML 23Page - Freescale Semiconductor, Inc MPC8533ECVTALGB Datasheet HTML 24Page - Freescale Semiconductor, Inc MPC8533ECVTALGB Datasheet HTML 25Page - Freescale Semiconductor, Inc MPC8533ECVTALGB Datasheet HTML 26Page - Freescale Semiconductor, Inc MPC8533ECVTALGB Datasheet HTML 27Page - Freescale Semiconductor, Inc MPC8533ECVTALGB Datasheet HTML 28Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 116 page
background image
MPC8533E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 3
24
Freescale Semiconductor
Enhanced Three-Speed Ethernet (eTSEC), MII Management
8
Enhanced Three-Speed Ethernet (eTSEC),
MII Management
This section provides the AC and DC electrical characteristics for enhanced three-speed and MII
management.
8.1
Enhanced Three-Speed Ethernet Controller (eTSEC)
(10/100/1000 Mbps)—GMII/MII/TBI/RGMII/RTBI/RMII/FIFO
Electrical Characteristics
The electrical characteristics specified here apply to all gigabit media independent interface (GMII), 8-bit
FIFO interface (FIFO), media independent interface (MII), ten-bit interface (TBI), reduced gigabit media
independent interface (RGMII), reduced ten-bit interface (RTBI), and reduced media independent
interface (RMII) signals except management data input/output (MDIO) and management data clock
(MDC). The 8-bit FIFO interface can operate at 3.3 or 2.5 V. The RGMII and RTBI interfaces are defined
for 2.5 V, while the MII, GMII, TBI, and RMII interfaces can be operated at 3.3 or 2.5 V. Whether the
GMII, MII, or TBI interface is operated at 3.3 or 2.5 V, the timing is compliant with IEEE 802.3. The
RGMII and RTBI interfaces follow the Reduced Gigabit Media-Independent Interface (RGMII)
Specification Version 1.3 (12/10/2000). The RMII interface follows the RMII Consortium RMII
Specification Version 1.2 (3/20/1998). The electrical characteristics for MDIO and MDC are specified in
Section 9, “Ethernet Management Interface Electrical Characteristics.”
8.2
eTSEC DC Electrical Characteristics
All GMII, MII, TBI, RGMII, RTBI, RMII, and FIFO drivers and receivers comply with the DC parametric
attributes specified in Table 21 and Table 22. The potential applied to the input of a GMII, MII, TBI, RTBI,
RMII, and FIFO receiver may exceed the potential of the receiver’s power supply (that is, a GMII driver
powered from a 3.6-V supply driving VOH into a GMII receiver powered from a 2.5-V supply). Tolerance
for dissimilar GMII driver and receiver supply potentials is implicit in these specifications. The RGMII
and RTBI signals are based on a 2.5-V CMOS interface voltage as defined by JEDEC EIA/JESD8-5.
Table 21. GMII, MII, TBI, RMII and FIFO DC Electrical Characteristics
Parameter
Symbol
Min
Max
Unit
Notes
Supply voltage 3.3 V
LVDD
TVDD
3.135
3.465
V
1, 2
Output high voltage (LVDD/TVDD = Min, IOH = –4.0 mA)
VOH
2.4
—
V
—
Output low voltage (LVDD/TVDD = Min, IOL = 4.0 mA)
VOL
—
0.5
V
—
Input high voltage
VIH
1.95
—
V
—
Input low voltage
VIL
—0.90
V
—
Input high current (VIN = LVDD, VIN = TVDD)IIH
—40
μA
1, 2, 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com