Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC5643LF0MMM1R Datasheet(PDF) 82 Page - Freescale Semiconductor, Inc

Part # SPC5643LF0MMM1R
Description  MPC5643L Microcontroller Data Sheet
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPC5643LF0MMM1R Datasheet(HTML) 82 Page - Freescale Semiconductor, Inc

Back Button SPC5643LF0MMM1R Datasheet HTML 78Page - Freescale Semiconductor, Inc SPC5643LF0MMM1R Datasheet HTML 79Page - Freescale Semiconductor, Inc SPC5643LF0MMM1R Datasheet HTML 80Page - Freescale Semiconductor, Inc SPC5643LF0MMM1R Datasheet HTML 81Page - Freescale Semiconductor, Inc SPC5643LF0MMM1R Datasheet HTML 82Page - Freescale Semiconductor, Inc SPC5643LF0MMM1R Datasheet HTML 83Page - Freescale Semiconductor, Inc SPC5643LF0MMM1R Datasheet HTML 84Page - Freescale Semiconductor, Inc SPC5643LF0MMM1R Datasheet HTML 85Page - Freescale Semiconductor, Inc SPC5643LF0MMM1R Datasheet HTML 86Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 98 page
background image
MPC5643L Microcontroller Data Sheet, Rev. 3
Preliminary—Subject to Change Without Notice
Electrical characteristics
Freescale Semiconductor
82
Figure 19. JTAG boundary scan timing
3.17.3
Nexus timing
Table 33. Nexus debug port timing1
No.
Symbol
Parameter
Conditions Min
Max
Unit
1tMCYC
D MCKO Cycle Time
—
15.6
—
ns
2tMDC
D MCKO Duty Cycle
—
40
60
%
3tMDOV
D MCKO Low to MDO, MSEO, EVTO Data Valid2
—
–0.1
0.25 tMCYC
4tEVTIPW
DEVTI Pulse Width
—
4.0
—
tTCYC
5tEVTOPW
DEVTO Pulse Width
—
1
tMCYC
6tTCYC
D TCK Cycle Time3
—40
—
ns
7tTDC
D TCK Duty Cycle
—
40
60
%
8tNTDIS, tNTMSS D TDI, TMS Data Setup Time
—
8
—
ns
9
tNTDIH,
tNTMSH
D
TDI, TMS Data Hold Time
5—
ns
10
tJOV
D TCK Low to TDO Data Valid
0
25
ns
TCK
Output
Signals
Input
Signals
Output
Signals
11
12
13
14
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com