Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IMX51A Datasheet(PDF) 97 Page - Freescale Semiconductor, Inc

Part # IMX51A
Description  i.MX51A Automotive and Infotainment Applications Processors
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX51A Datasheet(HTML) 97 Page - Freescale Semiconductor, Inc

Back Button IMX51A Datasheet HTML 93Page - Freescale Semiconductor, Inc IMX51A Datasheet HTML 94Page - Freescale Semiconductor, Inc IMX51A Datasheet HTML 95Page - Freescale Semiconductor, Inc IMX51A Datasheet HTML 96Page - Freescale Semiconductor, Inc IMX51A Datasheet HTML 97Page - Freescale Semiconductor, Inc IMX51A Datasheet HTML 98Page - Freescale Semiconductor, Inc IMX51A Datasheet HTML 99Page - Freescale Semiconductor, Inc IMX51A Datasheet HTML 100Page - Freescale Semiconductor, Inc IMX51A Datasheet HTML 101Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 160 page
background image
Electrical Characteristics
i.MX51A Automotive and Infotainment Applications Processors, Rev. 1
Freescale Semiconductor
97
Preliminary—Subject to Change Without Notice
3.7.8.8.1
Asynchronous Serial Interface Timing Parameters
Figure 64 depicts timing of the serial interface. Table 72 shows timing characteristics at display access
level.
Figure 64. Asynchronous Serial Interface Timing Diagram
Table 72. Asynchronous Serial Interface Timing Characteristics (Access Level)
ID
Parameter
Symbol
Min
Typ1
Max
Unit
IP48 Read system cycle time
Tcycr
Tdicpr–1.5
Tdicpr2
Tdicpr+1.5
ns
IP49 Write system cycle time
Tcycw
Tdicpw–1.5
Tdicpw3
Tdicpw+1.5
ns
IP50 Read clock low pulse width
Trl
Tdicdr–Tdicur–1.5
Tdicdr4–Tdicur5
Tdicdr–Tdicur+1.5
ns
IP51 Read clock high pulse width
Trh
Tdicpr–Tdicdr+Tdicur–1.5 Tdicpr–Tdicdr+
Tdicur
Tdicpr–Tdicdr+Tdicur+
1.5
ns
DI clock
IPP_DISPB_DO_SD_D
IPP_DO_DISPB_SER_CS
IPP_DO_DISPB_SER_RS
IPP_DO_DISPB_SD_D_CLK
IPP_IND_DISPB_SD_D
IP68
IP48, IP49, IP62, IP63
IP51,53
IP55, IP57,
IP54, IP56,
IP65, IP67
IP60,
IP58
IP59
IP50, IP52
IP64, IP66
IP61
IP69
IP70
IP71
IP72
IP73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com