Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC8377ECVRANDA Datasheet(PDF) 66 Page - Freescale Semiconductor, Inc

Part # MPC8377ECVRANDA
Description  PowerQUICC??II Pro Processor Hardware Specifications
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8377ECVRANDA Datasheet(HTML) 66 Page - Freescale Semiconductor, Inc

Back Button MPC8377ECVRANDA Datasheet HTML 62Page - Freescale Semiconductor, Inc MPC8377ECVRANDA Datasheet HTML 63Page - Freescale Semiconductor, Inc MPC8377ECVRANDA Datasheet HTML 64Page - Freescale Semiconductor, Inc MPC8377ECVRANDA Datasheet HTML 65Page - Freescale Semiconductor, Inc MPC8377ECVRANDA Datasheet HTML 66Page - Freescale Semiconductor, Inc MPC8377ECVRANDA Datasheet HTML 67Page - Freescale Semiconductor, Inc MPC8377ECVRANDA Datasheet HTML 68Page - Freescale Semiconductor, Inc MPC8377ECVRANDA Datasheet HTML 69Page - Freescale Semiconductor, Inc MPC8377ECVRANDA Datasheet HTML 70Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 124 page
background image
MPC8377E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 2
66
Freescale Semiconductor
PCI Express
parasitic characteristics that cause the real PCI Express component to vary in impedance from the
compliance/test measurement load. The input receiver eye diagram is implementation specific and is not
specified. Rx component designer should provide additional margin to adequately compensate for the
degraded minimum receiver eye diagram (shown in Figure 43) expected at the input receiver based on an
adequate combination of system simulations and the return loss measured looking into the Rx package and
silicon. The Rx eye diagram must be aligned in time using the jitter median to locate the center of the eye
diagram.
The eye diagram must be valid for any 250 consecutive UIs.
A recovered Tx UI is calculated over 3500 consecutive unit intervals of sample data. The eye diagram is
created using all edges of the 250 consecutive UI in the center of the 3500 UI used for calculating the Tx
UI.
NOTE
The reference impedance for return loss measurements is 50. to ground for
both the D+ and D– line (that is, as measured by a Vector Network Analyzer
with 50. probes—see Figure 44). Note that the series capacitors, CPEACCTX,
are optional for the return loss measurement.
Figure 43. Minimum Receiver Eye Timing and Voltage Compliance Specification
VRX-DIFFp-p-MIN > 175 mV
0.4 UI = TRX-EYE-MIN
VRX-DIFF = 0 mV
(D+ D– Crossing Point)
VRX-DIFF = 0 mV
(D+ D– Crossing Point)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com