Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC8378ECZQAFDA Datasheet(PDF) 112 Page - Freescale Semiconductor, Inc

Part # MPC8378ECZQAFDA
Description  PowerQUICC??II Pro Processor Hardware Specifications
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8378ECZQAFDA Datasheet(HTML) 112 Page - Freescale Semiconductor, Inc

Back Button MPC8378ECZQAFDA Datasheet HTML 108Page - Freescale Semiconductor, Inc MPC8378ECZQAFDA Datasheet HTML 109Page - Freescale Semiconductor, Inc MPC8378ECZQAFDA Datasheet HTML 110Page - Freescale Semiconductor, Inc MPC8378ECZQAFDA Datasheet HTML 111Page - Freescale Semiconductor, Inc MPC8378ECZQAFDA Datasheet HTML 112Page - Freescale Semiconductor, Inc MPC8378ECZQAFDA Datasheet HTML 113Page - Freescale Semiconductor, Inc MPC8378ECZQAFDA Datasheet HTML 114Page - Freescale Semiconductor, Inc MPC8378ECZQAFDA Datasheet HTML 115Page - Freescale Semiconductor, Inc MPC8378ECZQAFDA Datasheet HTML 116Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 126 page
background image
MPC8378E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 2
112
Freescale Semiconductor
Clocking
22.3
Suggested PLL Configurations
Table 75 shows suggested PLL configurations for different input clocks (LBCM = 0).
00
0001
1
1.5:1
2
01
0001
1
1.5:1
4
10
0001
1
1.5:1
8
00
0010
02:1
2
01
0010
02:1
4
10
0010
02:1
8
00
0010
1
2.5:1
2
01
0010
1
2.5:1
4
10
0010
1
2.5:1
8
00
0011
03:1
2
01
0011
03:1
4
10
0011
03:1
8
00
0011
1
3.5:1
2
01
0011
1
3.5:1
4
10
0011
1
3.5:1
8
00
0100
04:1
2
01
0100
04:1
4
10
0100
04:1
8
Note:
1 Core VCO frequency = Core frequency × VCO divider. Note that VCO divider has to be
set properly so that the core VCO frequency is in the range of 800–1600 MHz.
Table 75. Example Clock Frequency Combinations
eLBC 1
e300 Core 1
Ref
1
LBCM DDRCM SVCOD SPMF
Sys
VCO
1,2 CSB
1,3 DDR data
rate
1,4
/2
/4
/8
× 1 × 1.5 × 2 × 2.5 × 3
25.0
0
1
2
5
500
125
250
62.5
31.3
15.6
————
375
25.0
0
1
2
6
600
150
300
75 6
37.5
18.8
—
—
—
375
450
33.3
0
1
2
5
667
167
333
83.3 6
41.6
20.8
—
—
333
416
500
33.3
0
1
2
4
533
133
267
66.7
33.3
16.7
—
—
—
333
400
Table 74. e300 Core PLL Configuration (continued)
RCWL[COREPLL]
core_clk : csb_clk Ratio
VCO Divider 1
0–1
2–5
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com